Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMA3016-QFN Fiches technique(PDF) 5 Page - Filtronic Compound Semiconductors

No de pièce FMA3016-QFN
Description  3.5GHz High Power Amplifier for WiMAX applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FILTRONIC [Filtronic Compound Semiconductors]
Site Internet  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3016-QFN Fiches technique(HTML) 5 Page - Filtronic Compound Semiconductors

  FMA3016-QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3016-QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Preliminary Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Preliminary Datasheet v2.1
FMA3016-QFN
EVALUATION BOARD COMPONENT LAYOUT:
BILL OF MATERIALS:
LABEL
COMPONENT
Board
Preferred evaluation board material is 30-mil thick ROGERS RT4350. All RF tracks should be 50-ohm
characteristic material
P6, P7
SMA RF edge connector
P1, P2,
P3, P4,
P5
DC connector
C1, C2,
C3, C4,
C5, C6,
C7, C8,
C9,
Capacitor, 10uF, 0603
C10,C11,
C12,C13,
C14,C15,
C16,C17,
C18, C19
Capacitor, 100pF, 0603
Q1
FMA3016-QFN
VD1 VG2
VD2
VD1
VG1
VG2
VD2
M LI N
ID =T L1
W =Ca p_ Int er um
L =1 500 u m
M SUB=" M SUB1"
ML IN
ID=TL 2
W=Cap _In ter u m
L= 150 0 um
MSUB= "M SUB1"
PORT
P=1
Z=50 O hm
PORT
P=2
Z= 50 Oh m
Vg1
Vd1
Vg2
Vd2
Vd1
Vg2
Vd2
10uF
10uF
10uF
10uF
10uF
10uF
10uF
100pF
100pF
100pF
100pF
100pF
100pF
100pF
100pF


Numéro de pièce similaire - FMA3016-QFN

FabricantNo de pièceFiches techniqueDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

Description similaire - FMA3016-QFN

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
TGA2703-SM TRIQUINT-TGA2703-SM_15 Datasheet
458Kb / 15P
   3.5GHz WiMAX Driver Power Amplifier
TGA2703-SM TRIQUINT-TGA2703-SM Datasheet
291Kb / 14P
   3.5GHz WiMAX Driver / Power Amplifier
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Analog Devices
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
logo
California Eastern Labs
UPG2409T6X CEL-UPG2409T6X Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
TriQuint Semiconductor
TGA2702-SM TRIQUINT-TGA2702-SM Datasheet
291Kb / 14P
   2.5GHz WiMAX Driver / Power Amplifier
logo
California Eastern Labs
UPG2409TB CEL-UPG2409TB Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409T6X CEL-UPG2409T6X_09 Datasheet
418Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
UPG2409TB CEL-UPG2409TB_09 Datasheet
428Kb / 10P
   HIGH POWER SPDT SWITCH FOR WiMAX
logo
Toshiba Semiconductor
2SC1164 TOSHIBA-2SC1164 Datasheet
60Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com