Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMA3008 Fiches technique(PDF) 1 Page - Filtronic Compound Semiconductors

No de pièce FMA3008
Description  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FILTRONIC [Filtronic Compound Semiconductors]
Site Internet  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3008 Fiches technique(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA3008 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3008 Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2-20GHZ BROADBAND MMIC AMPLIFIER
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
1
FMA3008
Preliminary Datasheet v2.1
FEATURES:
Cascode Configuration
11dB Gain
pHEMT Technology
AGC control with gate bias
Input Return Loss <-15dB
Output Return Loss <-10dB
Medium Power 20dBm
GENERAL DESCRIPTION:
The FMA3008 is a high performance 2-20GHz
Gallium Arsenide monolithic travelling wave
amplifier. It is suitable for use in broadband
communication, instrumentation and electronic
warfare applications. The die is fabricated
using
the
Filtronic
0.25µm
process.
The
cascode gate voltage is supplied on Chip, with
the option of supplying an external voltage.
The Circuit is DC blocked at both the input and
output.
FUNCTIONAL SCHEMATIC:
VDD
VG
RF Input
RF Output
TYPICAL APPLICATIONS:
Test Instrumentation
Electronic Warfare
Broadband Communication Infrastructure
ELECTRICAL SPECIFICATIONS:
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Small Signal Gain
2-20GHz
11
dB
Input Return Loss
2-20GHz
-10
dB
Output Return Loss
2-20GHz
-14
dB
Reverse Isolation
2-20GHz
<-40
dB
Output Power at 1dB
compression point
10GHz
18GHz
23.5
22.5
dBm
dBm
Noise Figure
2-20GHz
4.5
dB
Gate Voltage
For Id=120mA
-0.3
V
Note: TAMBIENT = +25°C, Z0 = 50Ω, VD=6V
Website: www.filtronic.com


Numéro de pièce similaire - FMA3008

FabricantNo de pièceFiches techniqueDescription
logo
Filtronic Compound Semi...
FMA3008 FILTRONIC-FMA3008 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Description similaire - FMA3008

FabricantNo de pièceFiches techniqueDescription
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com