Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC9202PWPRG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPIC9202PWPRG4
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC9202PWPRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPIC9202PWPRG4 Datasheet HTML 1Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 2Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 3Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 4Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 5Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 6Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 7Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 8Page - Texas Instruments TPIC9202PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
BO_OUTZ
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
GND
BO
V
IN
5V
OUT
SCLK
NCS
MOSI
RST
R
DELAY
EN1
NC
PWP PACKAGE
(TOP VIEW)
NC – Nointernalconnection
DESCRIPTION/ORDERING INFORMATION
TPIC9202
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS116B – MAY 2005 – REVISED JUNE 2006
Electrical Applicances
Eight Low-Side Drivers With Internal Clamp
for Inductive Loads and Current Limiting for
– Air Conditioning Units
Self Protection
– Ranges
– Seven Outputs are Rated at 150 mA and
– Dishwashers
Controlled Through Serial Interface
– Refrigerators
– One Output Rated at 150 mA and
– Microwaves
Controlled Through Serial Interface and
– Washing Machines
Dedicated Enable Pin
General-Purpose Interface Circuit Allowing
5-V
±5% Regulated Power Supply With
Microcontroller Interface to Relays, Electric
Motors, LEDs, and Buzzers
200-mA Load Capability at VIN Max of 18 V
Internal Voltage Supervisory for Regulated
Output
Serial Communications for Control of Eight
Low-Side Drivers
Enable/Disable Input for OUT1
5-V or 3.3-V I/O Tolerant for Interface to
Microcontroller
Programmable Power On-Reset Delay Before
RST Asserted High, Once 5 V Is Within
Specification (6 ms Typ)
Programmable Deglitch Timer Before RST Is
Asserted Low (40
µs Typ)
Programmable Brown-Out Feature
Thermal Shutoff for Self Protection
The power supply provides regulated 5-V output to power the system microcontroller and drive eight low-side
switches. The brown-out detection output (BO_OUTZ) warns the system if there is a temporary drop in the
supply voltage, so the system can prevent potentially hazardous situations.
A serial communications interface controls the eight low-side outputs; each output has an internal snubber circuit
to absorb the inductive load at turn OFF. Alternatively, the system can use a fly-back diode to VIN to help
recirculate the energy in an inductive load at turn OFF.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Reel of 2000
TPIC9202PWPR
–40
°C to 125°C
PowerPAD™ – PWP
IC9202
Tube of 70
TPIC9202PWP
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPIC9202PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC9202PWPRG4 TI-TPIC9202PWPRG4 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Description similaire - TPIC9202PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201 TI-TPL9201 Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com