Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AVCBH324245 Fiches technique(PDF) 7 Page - Texas Instruments |
|
SN74AVCBH324245 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 14 page www.ti.com Electrical Characteristics (1) (2) (continued) Switching Characteristics Switching Characteristics SN74AVCBH324245 32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES550B – FEBRUARY 2004 – REVISED JUNE 2005 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCCA VCCB MIN TYP(3) MAX UNIT A port 0 V 0 to 3.6 V ±10 Ioff VI or VO = 0 to 3.6 V µA B port 0 to 3.6 V 0 V ±10 A or B port OE = VIH 3.6 V 3.6 V ±12.5 VO = VCCO or GND, IOZ(4) B port 0 V 3.6 V ±12.5 µA OE = don't VI = VCCI or GND care A port 3.6 V 0 V ±12.5 1.6 V 1.6 V 40 1.95 V 1.95 V 40 2.7 V 2.7 V 60 ICCA VI = VCCI or GND, IO = 0 µA 0 V 3.6 V –80 3.6 V 0 V 80 3.6 V 3.6 V 80 1.6 V 1.6 V 40 1.95 V 1.95 V 40 2.7 V 2.7 V 60 ICCB VI = VCCI or GND, IO = 0 µA 0 V 3.6 V 80 3.6 V 0 V –80 3.6 V 3.6 V 80 Ci Control inputs VI = 3.3 V or GND 3.3 V 3.3 V 4 pF Cio A or B ports VO = 3.3 V or GND 3.3 V 3.3 V 5 pF (1) VCCO is the VCC associated with the output port. (2) VCCI is the VCC associated with the input port. (3) All typical values are at TA = 25°C. (4) For I/O ports, the parameter IOZ includes the input leakage current. over recommended operating free-air temperature range, V CCA = 1.5 V ± 0.1 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.7 6.7 1.9 6.4 1.8 5.5 1.5 5.8 tpd ns B A 1.8 6.8 1.7 6.2 1.6 5.9 1.5 5.9 A 2.1 9 2.9 9.8 3.2 10 3 9.8 ten OE ns B 2.5 8.4 2.4 8 2.3 7.6 2.2 7.5 A 2.1 7.1 2.3 6.4 1.7 5.1 1.6 4.8 tdis OE ns B 2.2 6.9 1.8 6.4 1.1 5.8 1.8 5.7 over recommended operating free-air temperature range, V CCA = 1.8 V ± 0.15 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.7 6.4 1.8 6 1.7 4.7 1.6 4.3 tpd ns B A 2 6.6 1.8 6 1.8 5.6 1.8 5.5 A 1.8 7.6 2.6 7.7 2.6 7.6 2.6 7.4 ten OE ns B 2.5 8.2 2.5 7.5 2.4 7.4 2.3 7.2 A 1.8 7 2.5 6.3 1.8 4.7 1.7 4.4 tdis OE ns B 2.5 6.7 2.3 6.1 2.2 5.5 1.3 5.3 7 |
Numéro de pièce similaire - SN74AVCBH324245 |
|
Description similaire - SN74AVCBH324245 |