Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC4T245DBR Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74AVC4T245DBR
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T245DBR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AVC4T245DBR Datasheet HTML 3Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 4Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 5Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 6Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 7Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 8Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 9Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 10Page - Texas Instruments SN74AVC4T245DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN74AVC4T245
4BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES576A – JUNE 2004 – REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.2 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
UNIT
tPLH
A
B
3.4
2.9
2.7
2.6
2.8
ns
tPHL
A
B
3.4
2.9
2.7
2.6
2.8
ns
tPLH
B
A
3.6
3.1
2.8
2.6
2.6
ns
tPHL
B
A
3.6
3.1
2.8
2.6
2.6
ns
tPZH
OE
A
5.6
4.7
4.3
3.9
3.7
ns
tPZL
OE
A
5.6
4.7
4.3
3.9
3.7
ns
tPZH
OE
B
5
4.3
3.9
3.6
3.6
ns
tPZL
OE
B
5
4.3
3.9
3.6
3.6
ns
tPHZ
OE
A
6.2
5.2
5.2
4.3
4.8
ns
tPLZ
OE
A
6.2
5.2
5.2
4.3
4.8
ns
tPHZ
OE
B
5.9
5.1
5
4.7
5.5
ns
tPLZ
OE
B
5.9
5.1
5
4.7
5.5
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.5 V ± 0.1 V (see Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.2
0.3
6.3
0.3
5.2
0.4
4.2
0.4
4.2
ns
tPHL
A
B
3.2
0.3
6.3
0.3
5.2
0.4
4.2
0.4
4.2
ns
tPLH
B
A
3.3
0.7
6.3
0.5
6
0.4
5.7
0.3
5.6
ns
tPHL
B
A
3.3
0.7
6.3
0.5
6
0.4
5.7
0.3
5.6
ns
tPZH
OE
A
4.9
1.4
9.6
1.1
9.5
0.7
9.4
0.4
9.4
ns
tPZL
OE
A
4.9
1.4
9.6
1.1
9.5
0.7
9.4
0.4
9.4
ns
tPZH
OE
B
4.5
1.4
9.6
1.1
7.7
0.9
5.8
0.9
5.6
ns
tPZL
OE
B
4.5
1.4
9.6
1.1
7.7
0.9
5.8
0.9
5.6
ns
tPHZ
OE
A
5.6
1.8
10.2
1.5
10.2
1.3
10.2
1.6
10.2
ns
tPLZ
OE
A
5.6
1.8
10.2
1.5
10.2
1.3
10.2
1.6
10.2
ns
tPHZ
OE
B
5.2
1.9
10.3
1.9
9.1
1.4
7.4
1.2
7.6
ns
tPLZ
OE
B
5.2
1.9
10.3
1.9
9.1
1.4
7.4
1.2
7.6
ns


Numéro de pièce similaire - SN74AVC4T245DBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC4T245DBR TI-SN74AVC4T245DBR Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245DBR TI-SN74AVC4T245DBR Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - SN74AVC4T245DBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com