Moteur de recherche de fiches techniques de composants électroniques |
|
TL432ACDBZTG4 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
TL432ACDBZTG4 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 61 page TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Cathode voltage, VKA (see Note 1) 37 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous cathode current range, IKA −100 mA to 150 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference input current range −50 µA to 10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: Voltage values are with respect to the ANODE terminal, unless otherwise noted. package thermal data (see Note 2) PACKAGE BOARD θJC θJA PDIP (P) High K, JESD 51-7 57 °C/W 85 °C/W SC-70 (DCK) High K, JESD 51-7 259 °C/W 87 °C/W SOIC (D) High K, JESD 51-7 39 °C/W 97 °C/W SOP (PS) High K, JESD 51-7 46 °C/W 95 °C/W SOT-89 (PK) High K, JESD 51-7 9 °C/W 52 °C/W SOT-23-5 (DBV) High K, JESD 51-7 131 °C/W 206 °C/W SOT-23-3 (DBZ) High K, JESD 51-7 76 °C/W 206 °C/W TO-92 (LP) High K, JESD 51-7 55 °C/W 140 °C/W TSSOP (PW) High K, JESD 51-7 65 °C/W 149 °C/W NOTE 2: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. recommended operating conditions MIN MAX UNIT VKA Cathode voltage Vref 36 V IKA Cathode current 1 100 mA TL43xxC 0 70 TA Operating free-air temperature range TL43xxI −40 85 °C TA Operating free-air temperature range TL43xxQ −40 125 C |
Numéro de pièce similaire - TL432ACDBZTG4 |
|
Description similaire - TL432ACDBZTG4 |