Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AVC2T45DCTR Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
SN74AVC2T45DCTR Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 20 page www.ti.com Power-Up Considerations SN74AVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES531I – DECEMBER 2003 – REVISED JANUARY 2007 A proper power-up sequence always should be followed to avoid excessive supply current, bus contention, oscillations, or other anomalies. To guard against such power-up problems, take the following precautions: 1. Connect ground before any supply voltage is applied. 2. Power up VCCA. 3. VCCB can be ramped up along with or after VCCA. Table 1. Typical Total Static Power Consumption (ICCA + ICCB) VCCA VCCB UNIT 0 V 1.2 V 1.5 V 1.8 V 2.5 V 3.3 V 0 V 0 <0.5 <0.5 <0.5 <0.5 <0.5 1.2 V <0.5 <1 <1 <1 <1 1 1.5 V <0.5 <1 <1 <1 <1 1 µA 1.8 V <0.5 <1 <1 <1 <1 <1 2.5 V <0.5 1 <1 <1 <1 <1 3.3 V <0.5 1 <1 <1 <1 <1 9 Submit Documentation Feedback |
Numéro de pièce similaire - SN74AVC2T45DCTR |
|
Description similaire - SN74AVC2T45DCTR |