Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431BQPK Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL431BQPK
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL431BQPK Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TL431BQPK Datasheet HTML 4Page - Texas Instruments TL431BQPK Datasheet HTML 5Page - Texas Instruments TL431BQPK Datasheet HTML 6Page - Texas Instruments TL431BQPK Datasheet HTML 7Page - Texas Instruments TL431BQPK Datasheet HTML 8Page - Texas Instruments TL431BQPK Datasheet HTML 9Page - Texas Instruments TL431BQPK Datasheet HTML 10Page - Texas Instruments TL431BQPK Datasheet HTML 11Page - Texas Instruments TL431BQPK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Vref TOLERANCE (25°C) = 0.5%
TL431B, TL432B ORDERING INFORMATION (CONTINUED)
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431BIP
TL431BIP
SC-70 (DCK)
Reel of 3000
TL431BIDCKR
T3_
SC-70 (DCK)
Reel of 250
TL431BIDCKT
T3_
SOIC (D)
Tube of 75
TL431BID
Z431B
SOIC (D)
Reel of 2500
TL431BIDR
Z431B
Reel of 3000
TL431BIDBVR
T3F_
SOT-23-5 (DBV)
Reel of 250
TL431BIDBVT
T3F_
SOT-23-5 (DBV)
Reel of 3000
TL432BIDBVR
T4F_
Reel of 250
TL432BIDBVT
T4F_
−40 C to 85 C
Reel of 3000
TL431BIDBZR
T3F_
−40
°C to 85°C
SOT-23-3 (DBZ)
Reel of 250
TL431BIDBZT
T3F_
SOT-23-3 (DBZ)
Reel of 3000
TL432BIDBZR
T4F_
Reel of 250
TL432IBDBZT
T4F_
SOT-89 (PK)
Reel of 1000
TL431BIPK
4I
SOT-89 (PK)
Reel of 1000
TL432BIPK
2H
Bulk of 1000,
straight lead
TL431BILP
TO-226/TO-92 (LP)
Ammo of 2000,
formed lead
TL431BILPM
Z431B
Reel of 2000,
fomed lead
TL431BILPR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.


Numéro de pièce similaire - TL431BQPK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431BQPK TI-TL431BQPK Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BQPK TI1-TL431BQPK Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431BQPK TI-TL431BQPK Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BQPK TI-TL431BQPK Datasheet
3Mb / 83P
[Old version datasheet]   TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
TL431BQPK TI-TL431BQPK Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Description similaire - TL431BQPK

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com