Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33063APE4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce MC33063APE4
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MC33063APE4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button MC33063APE4 Datasheet HTML 5Page - Texas Instruments MC33063APE4 Datasheet HTML 6Page - Texas Instruments MC33063APE4 Datasheet HTML 7Page - Texas Instruments MC33063APE4 Datasheet HTML 8Page - Texas Instruments MC33063APE4 Datasheet HTML 9Page - Texas Instruments MC33063APE4 Datasheet HTML 10Page - Texas Instruments MC33063APE4 Datasheet HTML 11Page - Texas Instruments MC33063APE4 Datasheet HTML 12Page - Texas Instruments MC33063APE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
V
out ) VF
V
in(min) * Vsat * Vout
V
out ) VF
V
in * Vsat
V
out ) VF * Vin(min)
V
in(min) * Vsat
1
f
1
f
1
f
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff * toff
ton ) toff * toff
ton ) toff * toff
4
10*5 ton
4
10*5 ton
4
10*5 ton
2I
out(max)
2I
out(max)
ton
t
off
) 1
2I
out(max)
ton
t
off
) 1
0.3
I
pk(switch)
0.3
I
pk(switch)
0.3
I
pk(switch)
V
in(min) * Vsat
I
pk(switch)
t
on(max)
V
in(min) * Vsat * Vout
I
pk(switch)
t
on(max)
V
in(min) * Vsat
I
pk(switch)
t
on(max)
9
I
outton
V
ripple(pp)
9
I
outton
V
ripple(pp)
I
pk(switch) ton ) toff
8V
ripple(pp)
1.25(1 )
R2
R1
)
1.25(1 )
R2
R1
)
*1.25(1 )
R2
R1
)
MC33063A, MC34063A
1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
SLLS636J – DECEMBER 2004 – REVISED OCTOBER 2005
CALCULATION
STEP UP
STEP DOWN
VOLTAGE INVERTING
ton/toff
(ton + toff)
toff
ton
CT
Ipk(switch)
RSC
L(min)
CO
Vout
See Figure 6
See Figure 8
See Figure 10
Vsat = Saturation voltage of the output switch
VF = Forward voltage drop of the chosen output rectifier
The following power-supply parameters are set by the user:
Vin = Nominal input voltage
Vout = Desired output voltage
Iout = Desired output current
fmin = Minimum desired output switching frequency at the selected values of Vin and Iout
Vripple = Desired peak-to-peak output ripple voltage. The ripple voltage directly affects the line and load
regulation and, thus, must be considered. In practice, the actual capacitor value should be larger than the
calculated value, to account for the capacitor's equivalent series resistance and board layout.
9


Numéro de pièce similaire - MC33063APE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MC33063APE4 TI-MC33063APE4 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063APE4 TI1-MC33063APE4 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Description similaire - MC33063APE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com