Moteur de recherche de fiches techniques de composants électroniques |
|
TL084CNSLE Fiches technique(PDF) 9 Page - Texas Instruments |
|
TL084CNSLE Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 33 page TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Table of Graphs FIGURE vs Frequency 5, 6, 7 VOM Maximum peak output voltage vs Frequency vs Free-air temperature 5, 6, 7 8 VOM Maximum peak output voltage vs Free-air temperature vs Load resistance vs Supply voltage 8 9 10 vs Load resistance vs Supply voltage 9 10 Large-signal differential voltage amplification vs Free-air temperature 11 AVD Large-signal differential voltage amplification vs Free-air temperature vs Frequency 11 12 AVD Differential voltage amplification vs Frequency with feed-forward compensation 13 PD Total power dissipation vs Free-air temperature 14 ICC Supply current vs Free-air temperature 15 ICC Supply current vs Free-air temperature vs Supply voltage 15 16 IIB Input bias current vs Free-air temperature 17 Large-signal pulse response vs Time 18 VO Output voltage vs Elapsed time 19 CMRR Common-mode rejection ratio vs Free-air temperature 20 Vn Equivalent input noise voltage vs Frequency 21 THD Total harmonic distortion vs Frequency 22 Figure 5 ±15 ±12.5 ±10 ±7.5 ±5 ±2.5 0 f − Frequency − Hz 1 k 10 k 100 k 1 M 10 M RL = 10 kΩ TA = 25°C See Figure 2 VCC ± = ±15 V VCC ± = ±10 V VCC ± = ±5 V MAXIMUM PEAK OUTPUT VOLTAGE vs FREQUENCY 100 Figure 6 MAXIMUM PEAK OUTPUT VOLTAGE vs FREQUENCY VCC ± = ±5 V VCC ± = ±10 V VCC ± = ±15 V RL = 2 kΩ TA = 25°C ±15 ±12.5 ±10 ±7.5 ±5 ±2.5 0 f − Frequency − Hz 100 1 k 10 k 1 M 10 M See Figure 2 100 k |
Numéro de pièce similaire - TL084CNSLE |
|
Description similaire - TL084CNSLE |