Moteur de recherche de fiches techniques de composants électroniques |
|
TL5580IDR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TL5580IDR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 13 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions TL5580, TL5580A DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER SLOS477A – JUNE 2005 – REVISED JULY 2005 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC± Supply voltage ±18 V VI Input voltage (any input) ±15 V VID Differential input voltage ±30 V IO Output current ±50 mA D package 97 θ JA Package thermal impedance(2)(3) P package 85 °C/W PW package 149 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –60 125 °C (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT VCC+ 2 16 Supply voltage V VCC– –2 –16 TA Operating free-air temperature –40 85 °C 3 |
Numéro de pièce similaire - TL5580IDR |
|
Description similaire - TL5580IDR |