Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL9201PWPG4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPL9201PWPG4
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPL9201PWPG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPL9201PWPG4 Datasheet HTML 1Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 2Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 3Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 4Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 5Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 6Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 7Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 8Page - Texas Instruments TPL9201PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
DETAILED DESCRIPTION
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123B – JUNE 2006 – REVISED NOVEMBER 2006
The 5-V regulator is powered from VIN, and the regulated output is within 5 V ±5% over the operating conditions.
The open-drain power-on reset (RST) pin remains low until the regulator exceeds the set threshold, and the
timer value set by the capacitor on the reset delay (RDELAY) pin expires. If both of these conditions are satisfied,
RST is asserted high. This signifies to the microcontroller that serial communications can be initiated to the
TPL9201.
The serial communications is an 8-bit format, with data transfer synchronized using a serial clock from the
microcontroller. A single register controls all the outputs (one bit per output). The default value is zero (OFF). If
an output requires pulse width modulation (PWM) function, the register must be updated at a rate faster than the
desired PWM frequency. OUT1 can be controlled by serial input from the microcontroller or with the dedicated
enable (EN1) pin. If EN1 is pulled low or left open, the serial input through the shift register controls OUT1. If
EN1 is pulled high, OUT1 always is turned on, and the serial input for OUT1 is ignored.
The SYN input translates the image of the mains voltage through the secondary of the transformer. The SYN
input has a resistor to protect from high currents into the IC. The zero-voltage synchronization output translates
the AC-line cycle frequency into a low-frequency clock, which can be used for a timing reference and to help
power loads on the AC-line peak voltage (to reduce in-rush currents).
If RST is asserted, all outputs are turned OFF internally, and the input register is reset to all zeroes. The
microcontroller must write to the register to turn the outputs ON again.
4
Submit Documentation Feedback


Numéro de pièce similaire - TPL9201PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL9201PWP TI-TPL9201PWP Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPL9201PWPR TI-TPL9201PWPR Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Description similaire - TPL9201PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL9202 TI-TPL9202_1 Datasheet
696Kb / 20P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
   Relay Driver with 5 V Regulator
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
alpha microelectronics ...
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
   Timer/Dimmer with Gate Driver, Zero Detection & Protection
logo
Solid State Optronic
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
   Zero-Volt Switching Triac Driver
TD3043 SSOUSA-TD3043 Datasheet
336Kb / 4P
   Zero-Volt Switching Triac Driver
logo
List of Unclassifed Man...
TD3082 ETC1-TD3082 Datasheet
181Kb / 4P
   Zero-Volt Switching Triac Driver
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19