Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA5260 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce CA5260
Description  3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5260 Fiches technique(HTML) 3 Page - Intersil Corporation

  CA5260 Datasheet HTML 1Page - Intersil Corporation CA5260 Datasheet HTML 2Page - Intersil Corporation CA5260 Datasheet HTML 3Page - Intersil Corporation CA5260 Datasheet HTML 4Page - Intersil Corporation CA5260 Datasheet HTML 5Page - Intersil Corporation CA5260 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FN1929.6
December 23, 2005
Output Voltage
VOM+RL =
4.99
5
-
4.99
5
-
V
VOM-
-
0
0.01
-
0
0.01
V
VOM+RL = 10kΩ
4.4
4.7
-
4.4
4.7
-
V
VOM-
-
0
0.01
-
0
0.01
V
VOM+RL = 2kΩ
33.4
-
3
3.4
-
V
VOM-
-
0
0.01
-
0
0.01
V
Supply Current
ISUPPLY
VO = 0V
-
1.60
2.0
-
1.60
2.0
mA
VO = 2.5V
-
1.80
2.25
-
1.80
2.25
mA
NOTE:
3. For V+ = 4.5V and V- = GND; VOUT = 0.5V to 3.2V at RL = 10kΩ.
Electrical Specifications
TA = 25°C, V+ = 5V, V- = 0V (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5260
CA5260A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Electrical Specifications
TA = -55°C to 125°C, V+ = 5V, V- = 0V
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5260
CA5260A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
VO = 2.5V
-
3
20
-
2
15
mV
Input Offset Current
IIO
VO = 2.5V
-
1
10
-
1
10
nA
Input Current
II
VO = 2.5V
-
2
15
-
2
15
nA
Common Mode Rejection Ratio
CMRR
VCM = 0 to 1V
60
78
-
65
78
-
dB
VCM = 0 to 2.5V
50
60
-
50
60
-
dB
Common Mode Input Voltage
Range
VlCR+2.5
3
-
2.5
3
-
V
VlCR-
-
-0.5
0
-
-0.5
0
V
Power Supply Rejection Ratio
PSRR
∆V+ = 1V;
∆V- = 1V
60
65
-
62
65
-
dB
Large Signal Voltage Gain (Note 4)
AOL
RL = ,
VO = 0.5 to 4V
70
78
-
70
78
-
dB
RL = 10kΩ,
VO = 0.5 to 3.6V
60
65
-
60
65
-
dB
Source Current
ISOURCE
VO = 0V
1.3
1.6
-
1.3
1.6
-
mA
Sink Current
ISINK
VO = 5V
1.2
1.4
-
1.2
1.4
-
mA
Output Voltage
VOM+RL =
4.99
5
-
4.99
5
-
V
VOM-
-
00.01
-
00.01
V
VOM+RL = 10kΩ
4.2
4.4
-
4.2
4.4
-
V
VOM-
-
00.01
-
00.01
V
VOM+RL = 2kΩ
2.5
2.7
-
2.5
2.7
-
V
VOM-
-
00.01
-
00.01
V
Supply Current
ISUPPLY
VO = 0V
-
1.65
2.2
-
1.65
2.2
mA
VO = 2.5V
-
1.95
2.35
-
1.95
2.35
mA
NOTE:
4. For V+ = 4.5V and V- = GND; VOUT = 0.5V to 3.2V at RL = 10kΩ.
CA5260, CA5260A
CA5260, CA5260A


Numéro de pièce similaire - CA5260

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5260A RENESAS-CA5260A Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5260AM96 INTERSIL-CA5260AM96 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260AM96 RENESAS-CA5260AM96 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results

Description similaire - CA5260

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com