Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDP68HC68T1M Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce CDP68HC68T1M
Description  CMOS Serial Real-Time Clock With RAM and Power Sense/Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP68HC68T1M Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button CDP68HC68T1M Datasheet HTML 4Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 5Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 6Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 7Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 8Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 9Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 10Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 11Page - Intersil Corporation CDP68HC68T1M Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN1547.7
March 17, 2006
Functional Description
The SPI real-time clock consists of a clock/calendar and a
32 x 8 RAM. Communications is established via the SPI
(Serial Peripheral Interface) bus. In addition to the
clock/calendar data from seconds to years, and system
flexibility provided by the 32-byte RAM, the clock features
computer handshaking with an interrupt output and a
separate squarewave clock output that can be one of 7
different frequencies. An alarm circuit is available that
compares the alarm latches with the seconds, minutes and
hours time counters and activates the interrupt output when
they are equal. The clock is specifically designed to aid in
power-down/up applications and offers several pins to aid
the designer of battery backup systems.
Mode Select
The voltage level that is present at the VSYS input pin at the
end of power-on-reset selects the device to be in the single
supply or battery backup mode.
Single-Supply Mode
If VSYS is a logic high when power-on-reset is completed,
CLK OUT, PSE and CPUR will be enabled and the device
will be completely operational. CPUR will be placed low if the
logic level at the VSYS pin goes low. If the output signals
CLK OUT, PSE and CPUR are disabled due to a power-
down instruction, VSYS brought to a logic low and then to a
logic high will re-enable these outputs. An example of the
single-supply mode is where only one supply is available
and VDD, VBATT and VSYS are tied together to the supply.
Battery Backup Mode
If VSYS is a logic low at the end of power-on-reset, CLK
OUT, PSE and CPUR will be disabled (CLK OUT, PSE and
CPUR low). This condition will be held until VSYS rises to a
threshold (about 1.0V) above VBATT. The outputs CLK OUT,
PSE and CPUR will then be enabled and the device will be
operational. If VSYS falls below a threshold above VBATT the
outputs CLK OUT, PSE and CPUR will be disabled. An
example of battery backup operation occurs if VSYS is tied to
VDD and VDD is not connected to a supply when a battery is
connected to the VBATT pin. (See Pin Functions, VBATT for
Battery Backup Operation.)
Clock/Calendar (See Figures 1 and 2)
The clock/calendar portion of this device consists of a long
string of counters that is toggled by a 1Hz input. The 1Hz
input is generated by a prescaler driven by an on-board
oscillator that utilizes one of four possible external crystals or
that can be driven by an external clock source. The 1Hz
trigger to the counters can also be supplied by a 50Hz or
60Hz input source that is connected to the LINE input pin.
The time counters offer seconds, minutes and hours data in
12 hour or 24 hour format. An AM/PM indicator is available
that once set, toggles every 12 hours. The calendar counters
consist of day (day of week), date (day of month), month and
years information. Data in the counters is in BCD format.
The hours counter utilizes BCD for hour data plus bits for
12/24 hour and AM/PM. The 7 time counters are accessed
serially at addresses 20H through 26H. (See Table 1).
RAM
The real-time clock also has a static 32 x 8 RAM that is
located at addresses 00-1FH. Transmitting the
address/control word with bit-5 low selects RAM access. Bits
0 through 4 select the RAM location.
Alarm
The alarm is set by accessing the three alarm latches and
loading the required data. The alarm latches consist of
seconds, minutes and hours registers. When their outputs
equal the values in the seconds, minutes and hours time
counters, an interrupt is generated. The interrupt output will
go low if the alarm bit in the Interrupt Control Register is set
high. The alarm interrupt bit in the Status Register is set
when the interrupt occurs (see Pin Functions, INT Pin). To
preclude a false interrupt when loading the time counters,
the alarm interrupt bit should be set low in the Interrupt
Control Register. This procedure is not required when the
alarm time is set.
Watchdog Function (See Figure 6)
When bit 7 in the Interrupt Control Register is set high, the
Clock’s CE (chip enable) pin must be toggled at a regular
interval without a serial data transfer. If the CE is not toggled,
the clock will supply a CPU reset pulse and bit 6 in the Status
Register will be set. Typical service and reset times are listed
below.
Clock Out
The value in the 3 least significant bits of the Clock Control
Register selects one of seven possible output frequencies.
(See Clock Control Register). This squarewave signal is
available at the CLK OUT pin. When Power-Down operation
is initiated, the output is set low.
Control Registers and Status Registers
The operation of the Real-Time Clock is controlled by the
Clock Control and Interrupt Control Registers. Both registers
are Read-Write Registers. Another register, the Status
Register, is available to indicate the operating conditions.
The Status Register is a Read only Register.
Power Control
Power control is composed of two operations, Power Sense
and Power Down/Up. Two pins are involved in power
sensing, the LINE input pin and the INT output pin. Two
additional pins are utilized during power-down/up operation.
They are the PSE (Power Supply Enable) output pin and
VSYS input pin.
50Hz
60Hz
XTAL
MIN
MAX
MIN
MAX
MIN
MAX
Service Time
-
10ms
-
8.3ms
-
7.8ms
Reset Time
20
40ms
16.7
33.3ms
15.6
31.3ms


Numéro de pièce similaire - CDP68HC68T1M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CDP68HC68T1M INTERSIL-CDP68HC68T1M Datasheet
139Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
August 1997
CDP68HC68T1M INTERSIL-CDP68HC68T1M Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1M RENESAS-CDP68HC68T1M Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Intersil Corporation
CDP68HC68T1M2 INTERSIL-CDP68HC68T1M2 Datasheet
139Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
August 1997
CDP68HC68T1M2 INTERSIL-CDP68HC68T1M2 Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
More results

Description similaire - CDP68HC68T1M

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1_07 Datasheet
400Kb / 23P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1 RENESAS-CDP68HC68T1 Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1 Datasheet
139Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
August 1997
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
Motorola, Inc
MC68HC68T1 MOTOROLA-MC68HC68T1 Datasheet
342Kb / 26P
   Real-Time Clock plus RAM with Serial Interface
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com