Moteur de recherche de fiches techniques de composants électroniques |
|
CA3224E Fiches technique(PDF) 2 Page - Intersil Corporation |
|
CA3224E Fiches technique(HTML) 2 Page - Intersil Corporation |
2 / 6 page 2 Absolute Maximum Ratings TA =25oC Thermal Information Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11V DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1 to VCC Output Current . . . . . . . . . . . . . . . . . . . . . . .Short Circuit Protected Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . . . . . 10V ±10% Thermal Resistance (Typical, Note 1) θ JA ( oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. θJA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications At TA = 25oC, VCC = 10V, VBIAS = 3.75V, VV (Pin 8) = VH (Pin 10) = 6.0V, S1 = A, S2 = A, See Test Circuit and Timing Diagrams PARAMETER TEST PIN NO. SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Supply Current 22 ICC -- 65 mA Reference Voltage 2, 4, 6 VREF Measure at t4 5.6 6.0 6.4 V Input Current 2, 4, 6 II VIN = 7.2V, S1 = B - - 250 nA Output Current Source 17,19, 21 lOM+VBIAS = 0.5V, Measure at t6, S1 = B - - -0.8 mA Sink lOM-VBIAS = 7.0V, Measure at t6, S1 = B 0.8 - - mA Output Buffer Input Current 17,19, 21 II VOUT = 6.5V, VIN At pins 16, 18, 20, Measure at t4, S1 = B - - 150 nA Voltage Gain AV 0.97 - 1.07 - Transconductance 17,19, 21 gM Measure at t6, VIN = 8mVP-P at 40kHz, S1 = B 50 - 100 mS Auto Bias Pulse Output Low 13 VOL Measure at t1 -- 0.3 V High VOH Measure at t4 6.05 - - V Current Sink lOM- Measure at t4, S2 = B 2.5 - - mA Grid Pulse Output Low 11 VOL Measure at t4 -- 0.4 V High VOH Measure at t1 4.2 - - V Program Pulse Output Low 12 VOL Measure at t6 -- 0.4 V High VOH Measure at t1 8.2 - - V Vertical Input 8 VV See Figure 3 - 6.0 - V Horizontal Input 10 VH See Figure 3 - 6.0 - V Auto Bias Pulse Timing Start 13 t0 to t2, Note 2 835 - 842 µs Finish t0 to t7, Note 2 1270 - 1275 µs Grid Pulse Timing Start 11 t0 to t3, Note 2 899 - 905 µs Finish t0 to t5, Note 2 1080 - 1084 µs Program Pulse Timing Start 12 t0 to t5, Note 2 1080 - 1084 µs Finish t0 to t7, Note 2 1270 - 1275 µs NOTE: 2. All time measurements are made from 50% point to 50% point. CA3224E |
Numéro de pièce similaire - CA3224E |
|
Description similaire - CA3224E |