Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce LM358
Description  Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM358 Fiches technique(HTML) 4 Page - Intersil Corporation

  LM358 Datasheet HTML 1Page - Intersil Corporation LM358 Datasheet HTML 2Page - Intersil Corporation LM358 Datasheet HTML 3Page - Intersil Corporation LM358 Datasheet HTML 4Page - Intersil Corporation LM358 Datasheet HTML 5Page - Intersil Corporation LM358 Datasheet HTML 6Page - Intersil Corporation LM358 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Output
Current
Source
VI+= +1V, VI-= 0V,
V+ = 15V
25
20
40
-
20
40
-
20
40
-
mA
Sink
VI+= 0V,VI-= 1V,
V+ = 15V
25
10
20
-
10
20
-
10
20
-
mA
VI+= 0V,VI-= 1V,
VO =200mV
25
12
50
-
12
50
-
-
-
-
µA
Short Circuit
Output Current (Note 2)
RL =0Ω
25
-
40
60
-
40
60
-
40
60
mA
Crosstalk
f = 1 to 20kHz
(Input Referred)
25
-
-120
-
-
-120
-
-
-120
-
dB
Total Supply Current
RL =
Full
-
0.7
1.2
-
0.7
1.2
-
0.7
1.2
mA
RL = , V+ = 30V
Full
-
1.5
3
-
1.5
3
-
1.5
3
mA
NOTES:
7. Due to the PNP input stage the direction of the input current is out of the IC. No loading change exists on the input lines because the current is
essentially constant, independent of the state of the output.
8. The input signal voltage and the input common mode voltage should not be allowed to go negative by more than 0.3V. The positive limit of the
common mode voltage range is V+ - 1.5V, but either or both inputs can go to +32V without damage.
9. VO =1.4V, RS =0Ω with V+ from 5V to 30V, and over the full input common mode voltage range (0V to V+ - 1.5V).
Electrical Specifications
Values Apply for Each Operational Amplifier. Supply Voltage V+ = 5V, V- = 0V,
Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
CA158, CA258
CA358, LM358
CA2904, LM2904
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Schematic Diagram
ONE OF TWO OPERATIONAL AMPLIFIERS
8
2
3
4
1
5
6
7
INPUTS
-
+
6
µA4µA
100
µA
V+
CCOMP
50
µA
Q1
Q2
Q3
Q4
Q9
Q8
Q10
Q11
Q12
Q13
Q6
Q5
Q7
VO
RSC
TO 2
TO 2
2
V-
+
-
CA158, CA158A, CA258, CA258A, CA358, CA358A, CA2904, LM358, LM2904


Numéro de pièce similaire - LM358

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN FUMAN ELECTRON...
LM358 FUMAN-LM358 Datasheet
182Kb / 3P
   Dual operational amplifier
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
Rev 3 July 2005
logo
HTC Korea TAEJIN Techno...
LM358 HTC-LM358 Datasheet
118Kb / 4P
   DUAL OPERATIONAL AMPLIFIERS
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
485Kb / 5P
   Low Power Dual Operational Amplifier Large DC voltage gain: 100dB
More results

Description similaire - LM358

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com