Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA3140M96 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce CA3140M96
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140M96 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button CA3140M96 Datasheet HTML 5Page - Intersil Corporation CA3140M96 Datasheet HTML 6Page - Intersil Corporation CA3140M96 Datasheet HTML 7Page - Intersil Corporation CA3140M96 Datasheet HTML 8Page - Intersil Corporation CA3140M96 Datasheet HTML 9Page - Intersil Corporation CA3140M96 Datasheet HTML 10Page - Intersil Corporation CA3140M96 Datasheet HTML 11Page - Intersil Corporation CA3140M96 Datasheet HTML 12Page - Intersil Corporation CA3140M96 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN957.10
July 11, 2005
the CA3140 is used as a unity gain voltage follower. This
resistance prevents the possibility of extremely large input
signal transients from forcing a signal through the input
protection network and directly driving the internal constant
current source which could result in positive feedback via the
output terminal. A 3.9k
Ω resistor is sufficient.
The typical input current is on the order of 10pA when the
inputs are centered at nominal device dissipation. As the
output supplies load current, device dissipation will increase,
raising the chip temperature and resulting in increased input
current. Figure 7 shows typical input terminal current versus
ambient temperature for the CA3140.
It is well known that MOSFET devices can exhibit slight
changes in characteristics (for example, small changes in
input offset voltage) due to the application of large
differential input voltages that are sustained over long
periods at elevated temperatures.
Both applied voltage and temperature accelerate these
changes. The process is reversible and offset voltage shifts of
the opposite polarity reverse the offset. Figure 9 shows the
typical offset voltage change as a function of various stress
voltages at the maximum rating of 125oC (for metal can); at
lower temperatures (metal can and plastic), for example, at
85oC, this change in voltage is considerably less. In typical
linear applications, where the differential voltage is small and
symmetrical, these incremental changes are of about the
same magnitude as those encountered in an operational
amplifier employing a bipolar transistor input stage.
FIGURE 6. OPEN LOOP VOLTAGE GAIN AND PHASE vs
FREQUENCY
FIGURE 7. INPUT CURRENT vs TEMPERATURE
FIGURE 8. OUTPUT VOLTAGE SWING CAPABILITY AND COMMON MODE INPUT VOLTAGE RANGE vs SUPPLY VOLTAGE
101
103
104
105
106
107
108
FREQUENCY (Hz)
100
80
60
40
20
0
SUPPLY VOLTAGE: VS = ±15V
TA = 25
oC
102
-75
-90
-105
-120
-135
-150
RL = 2kΩ,
CL = 0pF
RL = 2kΩ,
CL = 100pF
φOL
SUPPLY VOLTAGE: VS = ±15V
TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
140
1K
100
1
10K
10
SUPPLY VOLTAGE (V+, V-)
0
5
10
15
20
25
-1.5
-2.0
-1.0
-2.5
RL =
+VOUT AT TA = 125
oC
+VOUT AT TA = 25
oC
+VOUT AT TA = -55
oC
+VICR AT TA = 125
oC
+VICR AT TA = 25
oC
+VICR AT TA = -55
oC
-3.0
0
-0.5
SUPPLY VOLTAGE (V+, V-)
0
5
10
15
20
25
-VICR AT TA = 125
oC
-VICR AT TA = 25
oC
-VICR AT TA = -55
oC
-VOUT FOR
TA = -55
oC to 125oC
0
-0.5
0.5
-1.0
-1.5
1.5
1.0
CA3140, CA3140A


Numéro de pièce similaire - CA3140M96

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CA3140M96 INTERSIL-CA3140M96 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3140M96 RENESAS-CA3140M96 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Description similaire - CA3140M96

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com