Moteur de recherche de fiches techniques de composants électroniques |
|
CA3126E Fiches technique(PDF) 4 Page - Harris Corporation |
|
CA3126E Fiches technique(HTML) 4 Page - Harris Corporation |
4 / 9 page 8-36 Block Diagram TV CHROMA PROCESSOR NOTES: 6. Optional design features. 7. Pinout numbers refer to the PDIP package. - π/4 φ SHIFTER 4 3 6 7 2 SIGNAL SAMPLE AND HOLD BIAS SAMPLE AND HOLD DC CONTR. BALANCED φ SHIFTER VCO AMPL. LIMIT AFPC DET. + π/4 φ SHIFTER AMPL. 8 CARRIER OUTPUT ACC AMPL. ACC DET. INTERN. REF. ATTENU- ATOR OVERLOAD DETECTOR SECOND CHROMA AMPL. 13 BIAS CONTROL COUPLING NETWORK KILLER AMPL. 12 15 DELAY BIAS DELAY BIAS SIGNAL SAMPLE AND HOLD BIAS SAMPLE AND HOLD BALANCE- UNBALANCE TRANSLATOR 10 11 1 16 FIRST CHROMA AMPL. SUPPLY VOLTAGE 2N2102 CHROMA OUTPUT 270 Ω 10k Ω 0.05 µF 0.01 µF 3.9k Ω ZENER REF. KEYER 14 9 2k Ω 5 µs WIDTH HORIZONTAL KEY INPUT 0V KILLER FILTER CHROMA INPUT CHROMA INPUT 0.01 µF 2.45k Ω 2 µF CHROMA GAIN CONTROL 1.2k Ω 50k Ω 10 k Ω TO TERM. 12 0.01 µF 0.01 µF 1 µF ACC FILTER CA3126 0.01 µF +11.2V 33pF 20pF 10pF CRYSTAL FILTER 680 Ω 2k Ω AFPC FILTER 1.0 µF 0.01 µF RF BYPASS 0.01 µF GND 0.01 µF +24V CW CCW (NOTE 6) (NOTE 6) 5 CA3126 |
Numéro de pièce similaire - CA3126E |
|
Description similaire - CA3126E |