Moteur de recherche de fiches techniques de composants électroniques |
|
CA3146A Fiches technique(PDF) 11 Page - Intersil Corporation |
|
CA3146A Fiches technique(HTML) 11 Page - Intersil Corporation |
11 / 12 page 11 CA3146, CA3146A, CA3183, CA3183A Small Outline Plastic Packages (SOIC) NOTES: 1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension “E” does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. “L” is the length of terminal for soldering to a substrate. 7. “N” is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. INDEX AREA E D N 12 3 -B- 0.25(0.010) C A M BS e -A- L B M -C- A1 A SEATING PLANE 0.10(0.004) h x 45o C H µ 0.25(0.010) B M M α M14.15 (JEDEC MS-012-AB ISSUE C) 14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE SYMBOL INCHES MILLIMETERS NOTES MINMAX MINMAX A 0.0532 0.0688 1.35 1.75 - A1 0.0040 0.0098 0.10 0.25 - B 0.013 0.020 0.33 0.51 9 C 0.0075 0.0098 0.19 0.25 - D 0.3367 0.3444 8.55 8.75 3 E 0.1497 0.1574 3.80 4.00 4 e 0.050 BSC 1.27 BSC - H 0.2284 0.2440 5.80 6.20 - h 0.0099 0.0196 0.25 0.50 5 L 0.016 0.050 0.40 1.27 6 N14 14 7 α 0o 8o 0o 8o - Rev. 0 12/93 |
Numéro de pièce similaire - CA3146A |