Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3N251 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 3N251
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

3N251 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  3N251 Datasheet HTML 1Page - Fairchild Semiconductor 3N251 Datasheet HTML 2Page - Fairchild Semiconductor 3N251 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KBP005M/3N246-KBP10M/3N252, Rev. C
2001 Fairchild Semiconductor Corporation
Bridge Rectifiers
(continued)
Typical Characteristics
12
5
10
20
50
100
0
10
20
30
40
50
Number of Cycles at 60Hz
0
20406080
100
120
140
0.1
1
10
100
Percent of Rated Peak Reverse Voltage [%]
T = 25 C
º
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
5
Ambient Temperature [ºC]
Forward Voltage, V
F [V]
MEDIAN
TYPICAL
DISTRIBUTION
Figure 1. Forward Current Derating Curve
Figure 2. Forward Voltage Characteristics
Figure 3. Reverse Current vs Reverse Voltage
Figure 4. Non-Repetitive Surge Current
050
100
150
0.0
0.5
1.0
1.5
2.0


Numéro de pièce similaire - 3N251

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
3N251 GE-3N251 Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE RECTIFIER BRIDGE
logo
Vishay Siliconix
3N251 VISHAY-3N251 Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
3N251 VISHAY-3N251 Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
New Jersey Semi-Conduct...
3N251 NJSEMI-3N251 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Central Semiconductor C...
3N251-M CENTRAL-3N251-M Datasheet
464Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Description similaire - 3N251

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com