Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5274B Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 1N5274B
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5274B Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  1N5274B Datasheet HTML 1Page - Fairchild Semiconductor 1N5274B Datasheet HTML 2Page - Fairchild Semiconductor 1N5274B Datasheet HTML 3Page - Fairchild Semiconductor 1N5274B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
1N5221B - 1N5279B Rev. I
tm
November 2006
1N5221B - 1N5279B
Zeners
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
** Non-recurrent square wave PW = 8.3ms, Ta = 50 degrees C.
Electrical Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
Derate above 50
°C
500
4.0
mW
mW
°C
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Maximum Junction Operating Temperature
+200
°C
Lead Temperature (1/16” from case for 10 seconds)
+230
°C
Device
VZ (V) @ IZ (Note 1)
ZZ (Ω) @ IZ (mA)
ZZK (Ω) @ IZK (mA)
IR (µA) @ VR (V)
TC
(%/
°C)
Min.
Typ.
Max.
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
2.28
2.375
2.565
2.66
2.85
2.4
2.5
2.7
2.8
3
2.52
2.625
2.835
2.94
3.15
30
30
30
30
29
20
20
20
20
20
1,200
1,250
1,300
1,400
1,600
0.25
0.25
0.25
0.25
0.25
100
100
75
75
50
1.0
1.0
1.0
1.0
1.0
-0.085
-0.085
-0.080
-0.080
-0.075
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
3.135
3.42
3.705
4.085
4.465
3.3
3.6
3.9
4.3
4.7
3.465
3.78
4.095
4.515
4.935
28
24
23
22
19
20
20
20
20
20
1,600
1,700
1,900
2,000
1,900
0.25
0.25
0.25
0.25
0.25
25
15
10
5.0
2.0
1.0
1.0
1.0
1.0
1.0
-0.07
-0.065
-0.06
+/-0.055
+/-0.03
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
4.845
5.32
5.7
5.89
6.46
5.1
5.6
6
6.2
6.8
5.355
5.88
6.3
6.51
7.14
17
11
7.0
7.0
5.0
20
20
20
20
20
1,600
1,600
1,600
1,000
750
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
3.0
2.0
3.0
3.5
4.0
5.0
+/-0.03
0.038
0.038
0.045
0.05
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
7.125
7.79
8.265
8.645
9.5
7.5
8.2
8.7
9.1
10
7.875
8.61
9.135
9.555
10.5
6.0
8.0
8.0
10
17
20
20
20
20
20
500
500
600
600
600
0.25
0.25
0.25
0.25
0.25
3.0
3.0
3.0
3.0
3.0
6.0
6.5
6.5
7.0
8.0
0.058
0.062
0.065
0.068
0.075
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
10.45
11.4
12.35
13.3
14.25
11
12
13
14
15
11.55
12.6
13.65
14.7
15.75
22
30
13
15
16
20
20
9.5
9.0
8.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
2.0
0.1
0.1
0.1
0.1
8.4
9.1
9.9
10
11
0.076
0.077
0.079
0.080
0.082
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
15.2
16.15
17.1
18.05
19
16
17
18
19
20
16.8
17.85
18.9
19.95
21
17
19
21
23
25
7.8
7.4
7.0
6.6
6.2
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
12
13
14
14
15
0.083
0.084
0.085
0.085
0.086
Tolerance = 5%
DO-35 Glass case
COLOR BAND DENOTES CATHODE


Numéro de pièce similaire - 1N5274B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N5274B FAIRCHILD-1N5274B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
Yea Shin Technology Co....
1N5274B YEASHIN-1N5274B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5274B FAIRCHILD-1N5274B Datasheet
85Kb / 3P
   Zeners
logo
Sangdest Microelectroni...
1N5274B SMC-1N5274B Datasheet
294Kb / 5P
   ZENER DIODES
logo
Central Semiconductor C...
1N5274B CENTRAL-1N5274B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results

Description similaire - 1N5274B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com