Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5269B Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 1N5269B
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5269B Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  1N5269B Datasheet HTML 1Page - Fairchild Semiconductor 1N5269B Datasheet HTML 2Page - Fairchild Semiconductor 1N5269B Datasheet HTML 3Page - Fairchild Semiconductor 1N5269B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
1N5221B - 1N5279B Rev. I
Electrical Characteristics (Continued) T
A=25°C unless otherwise noted
Notes:
- Zener Voltage (V
Z) : The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Device
VZ (V) @ IZ (Note 1)
ZZ (Ω) @ IZ (mA)
ZZK (Ω) @ IZK (mA)
IR (µA) @ VR (V)
TC
(%/
°C)
Min.
Typ.
Max.
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
20.9
22.8
23.75
25.65
26.6
22
24
25
27
28
23.1
25.2
26.25
28.35
29.4
29
33
35
41
44
5.6
5.2
5.0
4.6
4.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
17
18
19
21
21
0.087
0.088
0.088
0.089
0.090
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
28.5
31.35
34.2
37.05
40.85
30
33
36
39
43
31.5
34.65
37.8
40.95
45.15
49
58
70
80
93
4.2
3.8
3.4
3.2
3.0
600
700
700
800
900
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
23
25
27
30
33
0.09
0.092
0.093
0.094
0.095
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
44.65
48.45
53.2
57
58.9
47
51
56
60
62
49.35
53.55
58.8
63
65.1
105
125
150
170
185
2.7
2.5
2.2
2.1
2.0
1000
1100
1300
1400
1400
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
36
39
43
46
47
0.095
0.096
0.096
0.097
0.097
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
64.6
71.25
80.75
82.65
96.45
68
75
85
87
91
71.4
78.75
89.25
91.35
95.55
230
270
330
370
400
1.8
1.7
1.5
1.4
1.4
1600
1700
2000
2200
2300
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
52
56
62
68
69
0.097
0.098
0.098
0.099
0.099
1N5271B
1N5272B
1N5273B
1N5274B
1N5275B
95
104.5
114
123.5
133
100
110
120
130
140
105
115.5
126
136.5
147
500
750
900
1100
1300
1.3
1.1
1.0
0.95
0.90
2600
3000
4000
4500
4500
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
76
84
91
99
106
0.099
0.11
0.11
0.11
0.11
1N5276B
1N5277B
1N5278B
1N5279B
142.5
152
161.5
171
150
160
170
180
157.5
168
178.5
189
1500
1700
1900
2200
0.85
0.80
0.74
0.68
5000
5500
5500
6000
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
114
122
129
137
0.11
0.11
0.11
0.11
VF Forward Voltage = 1.2V Max. @ IF = 200mA


Numéro de pièce similaire - 1N5269B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N5269B FAIRCHILD-1N5269B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
1N5269B NJSEMI-1N5269B Datasheet
109Kb / 1P
   20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
Fairchild Semiconductor
1N5269B FAIRCHILD-1N5269B Datasheet
85Kb / 3P
   Zeners
logo
Shenzhen Luguang Electr...
1N5269B LUGUANG-1N5269B Datasheet
212Kb / 3P
   Zener Diodes
logo
Central Semiconductor C...
1N5269B CENTRAL-1N5269B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results

Description similaire - 1N5269B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com