Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA78XXE Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce KA78XXE
Description  3-Terminal 1A Positive Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXE Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button KA78XXE_06 Datasheet HTML 7Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 8Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 9Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 10Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 11Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 12Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 13Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 14Page - Fairchild Semiconductor KA78XXE_06 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.1
Electrical Characteristics (KA7824E) (Continued)
Refer to test circuit, 0°C < TJ < 125°C, IO = 500mA, VI = 33V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
17. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
18. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
KA7824E
Unit
Min.
Typ.
Max.
VO
Output Voltage
TJ = +25°C23
24
25
V
5.0mA
≤ IO ≤ 1.0A, PO ≤ 15W
VI = 27V to 38V
22.8
24
25.25
Regline
Line Regulation(17)
TJ = +25°CVI = 27V to 38V
17
480
mV
VI = 30V to 36V
6
240
Regload
Load Regulation(17)
TJ = +25°CIO = 5mA to 1.5A
15
480
mV
IO = 250mA to 750mA
5.0
240
IQ
Quiescent Current
TJ = +25°C–
5.2
8.0
mA
∆IQ
Quiescent Current Change
IO = 5mA to 1.0A
0.1
0.5
mA
VI = 27V to 38V
0.5
1
∆VO/∆T
Output Voltage Drift(18)
IO = 5mA
-1.5
mV/
°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C–
60
µV/Vo
RR
Ripple Rejection(18)
f = 120Hz
VI = 28V to 38V
50
67
dB
VDrop
Dropout Voltage
IO = 1A, TJ = +25°C–
2
V
rO
Output Resistance(18)
f = 1kHz
28
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C–
230
mA
IPK
Peak Current(18)
TJ = +25°C–
2.2
A


Numéro de pièce similaire - KA78XXE_06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Description similaire - KA78XXE_06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com