Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX84-B22 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BZX84-B22
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84-B22 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BZX84-B22 Datasheet HTML 2Page - NXP Semiconductors BZX84-B22 Datasheet HTML 3Page - NXP Semiconductors BZX84-B22 Datasheet HTML 4Page - NXP Semiconductors BZX84-B22 Datasheet HTML 5Page - NXP Semiconductors BZX84-B22 Datasheet HTML 6Page - NXP Semiconductors BZX84-B22 Datasheet HTML 7Page - NXP Semiconductors BZX84-B22 Datasheet HTML 8Page - NXP Semiconductors BZX84-B22 Datasheet HTML 9Page - NXP Semiconductors BZX84-B22 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 2
Per type BZX84-A/B/C27 to A/B/C75
Tj =25 °C unless otherwise specified.
BZX84-
Axxx
Bxxx
Cxxx
WORKING VOLTAGE
VZ (V)
at IZtest =2mA
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =2mA
(see Figs 4 and 5)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 µs;
Tamb =25 °C
Tol.
±1% (A)
Tol.
±2% (B)
Tol. approx.
±5% (C)
at
IZtest = 0.5 mA
at
IZtest =2mA
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
27
26.73
27.27
26.50
27.50
25.1
28.9
65
300
25
80
21.4
23.4
25.3
50
1.0
30
29.70
30.30
29.40
30.60
28.0
32.0
70
300
30
80
24.4
26.6
29.4
50
1.0
33
32.67
33.33
32.30
33.70
31.0
35.0
75
325
35
80
27.4
29.7
33.4
45
0.9
36
35.64
36.36
35.30
36.70
34.0
38.0
80
350
35
90
30.4
33.0
37.4
45
0.8
39
38.61
39.39
38.20
39.80
37.0
41.0
80
350
40
130
33.4
36.4
41.2
45
0.7
43
42.57
43.43
42.10
43.90
40.0
46.0
85
375
45
150
37.6
41.2
46.6
40
0.6
47
46.53
47.47
46.10
47.90
44.0
50.0
85
375
50
170
42.0
46.1
51.8
40
0.5
51
50.49
51.51
50.00
52.00
48.0
54.0
90
400
60
180
46.6
51.0
57.2
40
0.4
56
55.44
56.56
54.90
57.10
52.0
60.0
100
425
70
200
52.2
57.0
63.8
40
0.3
62
61.38
62.62
60.80
63.20
58.0
66.0
120
450
80
215
58.8
64.4
71.6
35
0.3
68
67.32
68.68
66.60
69.40
64.0
72.0
150
475
90
240
65.6
71.7
79.8
35
0.25
75
74.25
75.75
73.50
76.50
70.0
79.0
170
500
95
255
73.4
80.2
88.6
35
0.2


Numéro de pièce similaire - BZX84-B22

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BZX84-B22 GE-BZX84-B22 Datasheet
396Kb / 9P
   Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX84-B22 DAESAN-BZX84-B22 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-B22 NXP-BZX84-B22 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B22 NXP-BZX84-B22 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B22 PHILIPS-BZX84-B22 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
More results

Description similaire - BZX84-B22

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com