Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSB50450T Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FSB50450T
Description  Smart Power Module (SPM)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450T Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FSB50450T Datasheet HTML 1Page - Fairchild Semiconductor FSB50450T Datasheet HTML 2Page - Fairchild Semiconductor FSB50450T Datasheet HTML 3Page - Fairchild Semiconductor FSB50450T Datasheet HTML 4Page - Fairchild Semiconductor FSB50450T Datasheet HTML 5Page - Fairchild Semiconductor FSB50450T Datasheet HTML 6Page - Fairchild Semiconductor FSB50450T Datasheet HTML 7Page - Fairchild Semiconductor FSB50450T Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.fairchildsemi.com
FSB50450T Rev. A
Recommended Operating Conditions
Note:
(1) It is recommended the bootstrap diode D1 to have soft and fast recovery characteristics with 600-V rating
(2) Parameters for bootsrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical example of parameters is shown above.
(3) RC coupling(R5 and C5) at each input (indicated as dotted lines) may be used to prevent improper input signal due to surge noise. Signal input of SPM is compatible with stan-
dard CMOS or LSTTL outptus.
(4) Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the reduction of surge voltage. Bypass capacitors such as C1, C2
and C3 should have good high-frequency characteristics to absorb high-frequency ripple current.
Figure 2. Recommended CPU Interface and Bootstrap Circuit with Parameters
Note:
Attach the thermocouple on top of the heatsink-side of SPM (between SPM and heatsink if applied) to get the correct temperature measurement.
Figure 3. Case Temperature Measurement
Symbol
Parameter
Conditions
Value
Units
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P and N
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC and COM
13.5
15
16.5
V
VBS
High-side Bias Voltage
Applied between VB and output(U, V, W)
13.5
15
16.5
V
VIN(ON) Input ON Threshold Voltage
Applied between IN and COM
3.0
-VCC
V
VIN(OFF) Input OFF Threshold Voltage
0
-
0.6
V
tdead
Blanking Time for Preventing
Arm-short
VCC=VBS=13.5 ~ 16.5V, TJ ≤ 125°C
1.0
-
-
µ
s
fPWM
PWM Switching Frequency
TJ ≤ 125°C
-
15
-
kHz
TC
Case Temperature
TJ ≤ 125°C
-20
-
100
°C
COM
VCC
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C
3
R
1
D
1
C
1
Micom
15-V Line
10µF
One-Leg Diagram of SPM
These values depend on PWM
control algorithm
* Example of bootstrap paramters:
C
1 = C2 = 1µF ceramic capacitor,
R
1 = 56Ω,
R
5
C
5
HIN
LIN
V
DC
0
0
0
1
1
0
1
1
Open
Open
Output
Z
0
V
DC
Forbidden
Z
Note
Both FRFET Off
Low-side FRFET On
High-side FRFET On
Shoot-through
Same as (0, 0)
C
2
Case Temperature(Tc)
Detecting Point
14.50mm
3.80mm
MOSFET
Case Temperature(Tc)
Detecting Point
14.50mm
3.80mm
MOSFET


Numéro de pièce similaire - FSB50450T

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50450T FAIRCHILD-FSB50450T Datasheet
284Kb / 8P
   Smart Power Module (SPM짰)
FSB50450T FAIRCHILD-FSB50450T_07 Datasheet
284Kb / 8P
   Smart Power Module (SPM짰)
More results

Description similaire - FSB50450T

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com