Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD3206BB Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce CD3206BB
Description  9-bit latched/registered/pass-thru Futurebus transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3206BB Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button CD3206BB Datasheet HTML 5Page - NXP Semiconductors CD3206BB Datasheet HTML 6Page - NXP Semiconductors CD3206BB Datasheet HTML 7Page - NXP Semiconductors CD3206BB Datasheet HTML 8Page - NXP Semiconductors CD3206BB Datasheet HTML 9Page - NXP Semiconductors CD3206BB Datasheet HTML 10Page - NXP Semiconductors CD3206BB Datasheet HTML 11Page - NXP Semiconductors CD3206BB Datasheet HTML 12Page - NXP Semiconductors CD3206BB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product specification
FB2031
9-bit latched/registered/pass-thru Futurebus+ transceiver
1995 May 25
9
LIVE INSERTION SPECIFICATIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VBIASV
Bias pin voltage
VCC = 0 to 5.25V, Bn = 0 to 2.0V
4.5
5.5
V
IBIASV
Bias pin DC current
VCC = 0 to 4.75V, Bn = 0 to 2.0V,
Bias V = 4.5 to 5.5V
1
mA
IBIASV
Bias in DC current
VCC = 4.5 to 5.5V, Bn = 0 to 2.0V,
Bias V = 4.5 to 5.5V
10
µA
VBn
Bus voltage during prebias
B0 – B8 = 0V, Bias V = 5.0V
1.62
2.1
V
ILM
Fall current during prebias
B0 – B8 = 2V, Bias V = 4.5 to 5.5V
1
µA
IHM
Rise current during prebias
B0 – B8 = 1V, Bias V = 4.5 to 5.5V
-1
µA
IBnPEAK
Peak bus current during
insertion
VCC = 0 to 5.25V, B0 – B8 = 0 to 2.0V,
Bias V = 4.5 to 5.5V, OEB0 = 0.8V, tr = 2ns
10
mA
IOLOFF
Power up current
VCC = 0 to 5.25V, OEB0 = 0.8V
100
µA
IOLOFF
Power u current
VCC = 0 to 2.2V, OEB0 = 0 to 5V
100
µA
tGR
Input glitch rejection
VCC = 5.0V
1.35
1.0
ns
AC ELECTRICAL CHARACTERISTICS (Industrial)
A PORT LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C, VCC = 5V,
CL = 50pF, RL = 500Ω
Tamb = –40 to +85°C,
VCC = 5V±10%,
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 4
120
150
100
MHz
tPLH
tPHL
Propagation delay (thru mode)
Bn to An
Waveform 1, 2
2.5
2.4
4.4
4.2
5.9
5.5
2.3
2.4
7.0
6.2
ns
tPLH
tPHL
Propagation delay (transparent latch)
Bn to An
Waveform 1, 2
2.9
2.8
4.6
4.3
6.2
5.9
2.7
2.5
7.1
7.0
ns
tPLH
tPHL
Propagation delay
LCBA to An
Waveform 1, 2
2.6
2.4
4.1
4.7
5.5
6.1
2.0
2.0
6.2
6.8
ns
tPLH
tPHL
Propagation delay
SEL0 or SEL1 to An
Waveform 1, 2
1.5
1.7
3.8
3.9
5.2
6.0
1.2
1.5
6.2
6.5
ns
tPZH
tPZL
Output enable time from High or Low
OEA to An
Waveform 5, 6
2.1
2.0
3.5
3.8
4.8
5.3
1.8
1.7
6.0
6.3
ns
tPHZ
tPLZ
Output disable time to High or Low
OEA to An
Waveform 5, 6
1.9
1.7
3.4
3.2
4.8
4.8
1.6
1.5
5.5
5.5
ns
tTLH
tTHL
Output transition time, An Port
10% to 90%, 90% to 10%
Test Circuit and
Waveforms
3.0
1.7
7.5
4.0
ns
tSK(o)
Output to output skew for multiple
channels1
Waveform 3
0.5
1.0
1.5
ns
tSK(p)
Pulse skew 2
 tPHL – tPLH MAX
Waveform 2
0.5
1.0
1.0
ns
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operation conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. Due to test equipment limitations, actual test conditions are VIH = 1.8V and VIL = 1.3V for the B side.
5. For B port input voltage between 3 and 5 volts IIH will be greater than 100µA, but the parts will continue to function normally.
6. B0 – B8 clamps remain active for a minimum of 80ns following a High-to-Low transition.


Numéro de pièce similaire - CD3206BB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
CD3207 PHILIPS-CD3207 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
CD3207BB PHILIPS-CD3207BB Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
More results

Description similaire - CD3206BB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
NXP Semiconductors
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com