Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2106EMPX Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN2106EMPX
Description  TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106EMPX Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN2106EMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 Rev. 1.0.1
5
Electrical Specifications
Recommended operating conditions are the result of using the circuit shown in Figure 1 unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supplies
SW = Open, FB = 0.7V, VCC = 5V,
FSW = 600KHz
8
12
mA
Shutdown: EN=0, VCC = 5V
7
10
µA
VCC Current
Power Saving Mode, VCC = 5V, FMIN
2.2
4.5
mA
Rising VCC
4.1
4.3
4.5
V
VCC UVLO Threshold
Hysteresis
300
mV
Power Output Section
N-Channel (Q1) RDS(ON)
VCC = 5V, 25°C
30
35
m
Ω
N-Channel (Q2) RDS(ON)
VCC = 5V, 25°C
14
16
m
Ω
Oscillator
RT = 50KΩ
255
300
345
KHz
Frequency
RT = 24KΩ
540
600
660
KHz
Minimum On-Time
(2)
50
65
nsec
Ramp Amplitude, pk–pk
16VIN, 1.8VOUT, RT = 30KΩ,
RRAMP = 200KΩ
0.53
V
Minimum Off-Time
(2)
100
150
nsec
Reference
FAN2106M, 25°C
794
800
806
mV
Reference Voltage (VFB)
FAN2106EM, 25°C
795
800
805
mV
Error Amplifier
DC Gain
(2)
VCC = 5V
80
85
dB
Gain Bandwidth Product
(2)
VCC = 5V
12
15
MHz
Output Voltage (VCOMP)
VCC = 5V
0.4
3.2
V
Output Current, Sourcing
VCC = 5V, VCOMP = 2.2V
1.5
2.2
mA
Output Current, Sinking
VCC = 5V, VCOMP = 1.2V
0.8
1.2
mA
FB Bias Current
VFB = 0.8V, 25°C
-850
-650
-450
nA
Protection and Shutdown
Current Limit
RILIM open
6
8
10
A
ILIM Current
-11
-10
-9
µA
Over-Temperature Shutdown
Die temperature
150
°C
Over-Temperature Hysteresis
Die temperature
25
°C
Over-Voltage Threshold
2 consecutive clock cycles
110
115
120
%VOUT
Under-Voltage Shutdown
16 consecutive clock cycles
68
73
78
%VOUT
Fault Discharge Threshold
Measured at FB pin
250
mV
Fault Discharge Hysteresis
Measured at FB pin (VFB ~500mV)
250
mV
Note:
2.
Specifications guaranteed by design and characterization; not production tested.


Numéro de pièce similaire - FAN2106EMPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Description similaire - FAN2106EMPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Renesas Technology Corp
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
   24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com