Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX399-C43 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BZX399-C43
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX399-C43 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BZX399-C43 Datasheet HTML 1Page - NXP Semiconductors BZX399-C43 Datasheet HTML 2Page - NXP Semiconductors BZX399-C43 Datasheet HTML 3Page - NXP Semiconductors BZX399-C43 Datasheet HTML 4Page - NXP Semiconductors BZX399-C43 Datasheet HTML 5Page - NXP Semiconductors BZX399-C43 Datasheet HTML 6Page - NXP Semiconductors BZX399-C43 Datasheet HTML 7Page - NXP Semiconductors BZX399-C43 Datasheet HTML 8Page - NXP Semiconductors BZX399-C43 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Jun 04
3
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX399 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a FR4 printed circuit-board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
250
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tamb =25 °C prior to surge
see Tables 1 and 2
Ptot
total power dissipation
Tamb =25 °C; note 1
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
ELECTRICAL CHARACTERISTICS
Total BZX399-C series
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.5
0.9
V
IF = 100 mA; see Fig.5
1.0
V
IR
reverse current
BZX399-C1V8
VR =1V
2
µA
BZX399-C2V0
VR =1V
1
µA
BZX399-C2V2
VR =1V
0.5
µA
BZX399-C2V4
VR =1V
0.2
µA
BZX399-C2V7
VR = 1 V
0.05
µA
BZX399-C3V0
VR = 1 V
0.02
µA
BZX399-C3V3
VR =2V
2
µA
BZX399-C3V6
VR =2V
1
µA
BZX399-C3V9
VR =2V
0.5
µA
BZX399-C4V3
VR =2V
0.1
µA
BZX399-C4V7
VR =3V
2
µA
BZX399-C5V1
VR =3V
1
µA
BZX399-C5V6
VR =4V
1
µA
BZX399-C6V2
VR =5V
0.1
µA
BZX399-C6V8
VR = 5 V
0.01
µA
BZX399-C7V5
VR =5V
0.1
µA
BZX399-C8V2
VR =6V
0.2
µA
BZX399-C9V1
VR =7V
0.1
µA
BZX399-C10
VR =7V
0.1
µA
BZX399-C11
VR = 8 V
0.05
µA
BZX399-C12
VR = 9 V
0.05
µA
BZX399-C13
VR = 10 V
0.05
µA
BZX399-C15 to 43
VR = 0.7VZnom
0.01
µA


Numéro de pièce similaire - BZX399-C43

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BZX39 ETC1-BZX39 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX39 DIOTECH-BZX39 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Description similaire - BZX399-C43

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com