Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4071BCM Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce CD4071BCM
Description  Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4071BCM Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  CD4071BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4071BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4071BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4071BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4071BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4071BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4071BCM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: All voltages measured with respect to VSS unless otherwise speci-
fied.
DC Electrical Characteristics (Note 2)
CD4071BC/CD4081BC
Note 3: IOH and IOL are tested one output at a time.
AC Electrical Characteristics (Note 4)
CD4071BC TA = 25°C, Input tr; tf = 20 ns, CL = 50 pF, RL = 200 kΩ, Typical temperature coefficient is 0.3%/°C
Note 4: AC Parameters are guaranteed by DC correlated testing.
Voltage at Any Pin
−0.5V to V
DD +0.5V
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
VDD Range
−0.5 V
DC to +18 VDC
Storage Temperature (TS)
−65°C to +150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Operating Range (VDD)3 VDC to 15 VDC
Operating Temperature Range (TA)
CD4071BC, CD4081BC
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V
0.25
0.004
0.25
7.5
µA
Current
VDD = 10V
0.5
0.005
0.5
15
VDD = 15V
1.0
0.006
1.0
30
VOL
LOW Level
VDD = 5V
0.05
0
0.05
0.05
V
Output Voltage
VDD = 10V
|IO| < 1 µA
0.05
0
0.05
0.05
VDD = 15V
0.05
0
0.05
0.05
VOH
HIGH Level
VDD = 5V
4.95
4.95
5
4.95
V
Output Voltage
VDD = 10V
|IO| < 1 µA
9.95
9.95
10
9.95
VDD = 15V
14.95
14.95
15
14.95
VIL
LOW Level
VDD = 5V, VO = 0.5V
1.5
2
1.5
1.5
V
Input Voltage
VDD = 10V, VO = 1.0V
3.0
4
3.0
3.0
VDD = 15V, VO = 1.5V
4.0
6
4.0
4.0
VIH
HIGH Level
VDD = 5V, VO = 4.5V
3.5
3.5
3
3.5
V
Input Voltage
VDD = 10V, VO = 9.0V
7.0
7.0
6
7.0
VDD = 15V, VO = 13.5V
11.0
11.0
9
11.0
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
Current
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
(Note 3)
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.64
−0.51 −0.88
−0.36
mA
Current
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
(Note 3)
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0
Symbol
Parameter
Conditions
Typ
Max
Units
tPHL
Propagation Delay Time,
VDD = 5V
100
250
ns
HIGH-to-LOW Level
VDD = 10V
40
100
VDD = 15V
30
70
tPLH
Propagation Delay Time,
VDD = 5V
90
250
ns
LOW-to-HIGH Level
VDD = 10V
40
100
VDD = 15V
30
70
tTHL, tTLH
Transition Time
VDD = 5V
90
200
ns
VDD = 10V
50
100
VDD = 15V
40
80
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacity
Any Gate
18
pF


Numéro de pièce similaire - CD4071BCM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
CD4071BCM FAIRCHILD-CD4071BCM Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
More results

Description similaire - CD4071BCM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B Datasheet
162Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B_15 Datasheet
169Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
logo
National Semiconductor ...
CD4071BM NSC-CD4071BM Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
   Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
Unisonic Technologies
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com