Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZ339 Fiches technique(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

No de pièce AZ339
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ339 Fiches technique(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ339 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ339 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCD Semiconductor Manufacturing Limited
Product Brief
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339
Description
The AZ339 series consists of four independent precision
voltage comparators with an offset voltage specification as
low as 2mV. The input common mode voltage range of
these comparators includes ground, even when operated
from a single power supply voltage. Operation from split
power supplies is also possible and the low power supply
current drain is independent of the magnitude of the power
supply voltage. The AZ339 series is designed to directly
interface with TTL and CMOS.
Features
·
Wide Supply Voltage Range
- Single Supply: 2.0V to 18V
- Dual Supplies:
±1.0V to ± 9V
·
Very Low Supply Current Drain: 0.8mA
- Independent of Supply Voltage
·
Low Input Bias Current: 25nA (Typical)
·
Low Input Offset Current:
±5nA (Typical)
·
Low Input Offset Voltage:
±2mV (Typical)
·
Input Common Mode Voltage Range Includes
Ground
·
Differential Input Voltage Range Equals to the Power
Supply Voltage
·
Low Output Saturation Voltage: 250mV at 4mA
·
Open Collector Output
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
·
DC-DC Module
·
PC Motherboard
·
Communication Equipment
Benefits
·
Easier to Use
·
Very Competitive Price
Parametric Table
Supply Voltage (V)
20
Supply Current (mA) (18V, 15k
Ω)0.8
Differential Input Voltage (V)
20
Input offset Voltage (mV)
2.0
Input offset Current (nA)
5.0
Large Signal Response Time
(ns) (5.1k
Ω)
300
Output Sink Current (mA)
16
Saturation Voltage (mV)
250
Voltage Gain (V/mV)
200
Additional Available Materials
·
Samples
·
Datasheet
Pin Configuration
SOIC-14/DIP-14
OUTPUT 2
OUTPUT 1
INPUT 1-
VCC
INPUT 1+
INPUT 2-
INPUT 2+
OUTPUT 3
OUTPUT 4
INPUT 4+
GND
INPUT 4-
INPUT 3+
INPUT 3-
1
3
4
5
6
78
9
10
11
12
14
213
INPUT 3+
OUTPUT 4
Aug. 2006


Numéro de pièce similaire - AZ339

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339M ETC1-AZ339M Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
BCD Semiconductor Manuf...
AZ339M BCDSEMI-AZ339M Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339M-E1 BCDSEMI-AZ339M-E1 Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339MTR BCDSEMI-AZ339MTR Datasheet
173Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Description similaire - AZ339

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com