Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY89856U Fiches technique(PDF) 5 Page - Micrel Semiconductor

No de pièce SY89856U
Description  2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89856U Fiches technique(HTML) 5 Page - Micrel Semiconductor

  SY89856U Datasheet HTML 1Page - Micrel Semiconductor SY89856U Datasheet HTML 2Page - Micrel Semiconductor SY89856U Datasheet HTML 3Page - Micrel Semiconductor SY89856U Datasheet HTML 4Page - Micrel Semiconductor SY89856U Datasheet HTML 5Page - Micrel Semiconductor SY89856U Datasheet HTML 6Page - Micrel Semiconductor SY89856U Datasheet HTML 7Page - Micrel Semiconductor SY89856U Datasheet HTML 8Page - Micrel Semiconductor SY89856U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SY89856U
February 2007
5
M9999-022007-B
hbwhelp@micrel.com or (408) 955-1690
LVPECL Outputs DC Electrical Characteristics
(6)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C; RL = 50Ω to VCC – 2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
VCC–1.145
VCC–0.895
V
VOL
Output LOW Voltage
VCC–1.945
VCC–1.695
V
VOUT
Output Voltage Swing
See Figure 1a.
550
800
mV
VDIFF-OUT
Differential Output Voltage Swing
See Figure 1b.
1.1
1.6
V
LVTTL/CMOS DC Electrical Characteristics
(6)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
–125
30
µA
IIL
Input LOW Current
–300
µA
Note:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Numéro de pièce similaire - SY89856U

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U Datasheet
333Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
SY89856UMGTR MICREL-SY89856UMGTR Datasheet
333Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
SY89856U MICREL-SY89856U_10 Datasheet
333Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
More results

Description similaire - SY89856U

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
   4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U Datasheet
104Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58036U MICREL-SY58036U_10 Datasheet
655Kb / 11P
   6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
logo
Renesas Technology Corp
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
   Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
logo
Micrel Semiconductor
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
   Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U_10 Datasheet
333Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com