Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R-781.8-0.5 Fiches technique(PDF) 4 Page - Recom International Power

No de pièce R-781.8-0.5
Description  0.5 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECOM [Recom International Power]
Site Internet  http://www.recom-international.com
Logo RECOM - Recom International Power

R-781.8-0.5 Fiches technique(HTML) 4 Page - Recom International Power

  R-781.8-0.5 Datasheet HTML 1Page - Recom International Power R-781.8-0.5 Datasheet HTML 2Page - Recom International Power R-781.8-0.5 Datasheet HTML 3Page - Recom International Power R-781.8-0.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.54
2.54
Top View
Bottom View
7.55
2.0
0.25
5.08
3.21
2
13
4.10
0.51 typ.
0.7 typ.
10.2
RECOM
R-785.0-0.5
**** Pb
1.00ø+0.15/–0
11.50
RECOM
R-785.0-0.5
**** Pb
Application Examples
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
SIP3 PIN Package
+Vin
-Vin
R-78xx-0.5
-Vout
+Vout
Com
C1
C2
DC/DC Converter ( 1:1 )
- Isolated dual outputs
- Wide input range 4.75V to 34V
C1 : optional, C2: Required (further decoupling filtering may be necessary between the two converters)
+Vin
-Vin
R-78xx-0.5
-Vout
+Vout
C1
C2
DC/DC Converter ( 1:1 )
- Improved loading / line regulation
- Wide Input Voltage Range
- Point-of-Load Architecture
- High isolation voltage
C1: Required (further decoupling filtering may be
necessary between the two converters), C2: Optional
R-78xx-0.5
Series
High efficiency, isolated, dual unregulated outputs
Isolated (up to 6KV), wide Input range regulated output
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Recommended Footprint Details
27-March-2007
www.recom-international.com
142


Numéro de pièce similaire - R-781.8-0.5

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R-781.8-0.5 RECOM-R-781.8-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.8-0.5 RECOM-R-781.8-0.5 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.8-0.5 RECOM-R-781.8-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
More results

Description similaire - R-781.8-0.5

FabricantNo de pièceFiches techniqueDescription
logo
Recom International Pow...
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com