Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA7071MR Fiches technique(PDF) 6 Page - Allegro MicroSystems

No de pièce SLA7071MR
Description  Motor Driver IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7071MR Fiches technique(HTML) 6 Page - Allegro MicroSystems

Back Button SLA7071MR Datasheet HTML 2Page - Allegro MicroSystems SLA7071MR Datasheet HTML 3Page - Allegro MicroSystems SLA7071MR Datasheet HTML 4Page - Allegro MicroSystems SLA7071MR Datasheet HTML 5Page - Allegro MicroSystems SLA7071MR Datasheet HTML 6Page - Allegro MicroSystems SLA7071MR Datasheet HTML 7Page - Allegro MicroSystems SLA7071MR Datasheet HTML 8Page - Allegro MicroSystems SLA7071MR Datasheet HTML 9Page - Allegro MicroSystems SLA7071MR Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SLA7070M, SLA7071M,
SLA7072M, and SLA7073M
Motor Driver ICs
6
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
PROTECTION CIRCUIT CHARACTERISTICS*
Valid at TA = 25°C, VBB = 24 V, VDD = 5 V, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
PR products
Overcurrent Sense Voltage
VOCP
Motor coils shorted
0.65
0.7
0.75
V
FLAG Output Voltage
VFlagL
IFLAGL = 1.25 mA
1.25
V
VFlagH
IFLAGH = –1.25 mA
VDD– 1.25
V
FLAG Output Current
IFlagL
1.25
mA
IFlagH
–1.25
mA
*Protection circuits work on the condition of VSInt ≥ VOCP.
RECOMMENDED OPERATING RANGES, applicable to both PR and R products, unless otherwise specified
Characteristics
Symbol
Remarks
Min
Max
Units
Load (Motor) Supply Voltage
VM
–44
V
Main Power Supply Voltage
VBB
10
44
V
Logic Supply Voltage
VDD
Surge voltage at VDD pin should be less
than ±0.5 V to avoid malfunctioning in
operation
3.0
5.5
V
Case Temperature
TC
Measured at pin 12, without heat sink
90
°C
ALLOWABLE POWER DISSIPATION
j-a= 26.6
/W
0
1
2
3
4
5
0
102030405060708090
Ambient Temperature, TA (°C)
PR and R Products


Numéro de pièce similaire - SLA7071MR

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA7071MR SANKEN-SLA7071MR Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
More results

Description similaire - SLA7071MR

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com