Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA7077M Fiches technique(PDF) 2 Page - Allegro MicroSystems

No de pièce SLA7077M
Description  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7077M Fiches technique(HTML) 2 Page - Allegro MicroSystems

  SLA7077M Datasheet HTML 1Page - Allegro MicroSystems SLA7077M Datasheet HTML 2Page - Allegro MicroSystems SLA7077M Datasheet HTML 3Page - Allegro MicroSystems SLA7077M Datasheet HTML 4Page - Allegro MicroSystems SLA7077M Datasheet HTML 5Page - Allegro MicroSystems SLA7077M Datasheet HTML 6Page - Allegro MicroSystems SLA7077M Datasheet HTML 7Page - Allegro MicroSystems SLA7077M Datasheet HTML 8Page - Allegro MicroSystems SLA7077M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
2
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Copyright © 2005 Allegro MicroSystems, Inc.
PART NUMBERS AND OPTIONS
The following are the product variants and optional features
available for these variants of the SLA7070M series.
Not all combinations of standard models and product op-
tions are available in high-volume production quantities. For
information on product availability, and assistance with deter-
mining the IC features that are the best fit for your application,
please contact our sales office or representative.
NOTE
The following abbreviations are used throughout this
document to refer to product variants:
PR – Product with both Protection Circuitry and
built-in RSInt options
R – Product with the built-in RSInt option
Part Number
Protection
Output Current, IOUT
(A)
Sequencer
Blanking Time
(μs)
Clock Edge
SLA7075MR
RSInt
1
SLA7075MPR
Protection Circuitry and RSInt
SLA7076MR
RSInt
1.5
SLA7076MPR
Protection Circuitry and RSInt
Microstep
1.7
Positive
SLA7077MR
RSInt
2
SLA7077MPR
Protection Circuitry and RSInt
SLA7078MR
RSInt
3
SLA7078MPR
Protection Circuitry and RSInt


Numéro de pièce similaire - SLA7077M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA7077MPR SANKEN-SLA7077MPR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7077MPRT SANKEN-SLA7077MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7077MR SANKEN-SLA7077MR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

Description similaire - SLA7077M

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com