Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3010LLSL-TL Fiches technique(PDF) 1 Page - Allegro MicroSystems

No de pièce SI-3010LLSL-TL
Description  1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3010LLSL-TL Fiches technique(HTML) 1 Page - Allegro MicroSystems

  SI-3010LLSL-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3010LLSL-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Designed to meet the high-current requirements in industrial and
consumer applications; embedded core, memory, or logic supplies;
TVs, VCRs, and office equipment, the SI-3010LLSL voltage regulator
offers the reduced dropout voltage and low quiescent current essential
for improved efficiency. This device delivers a regulated output at up to
1.5 A. Integrated thermal and overcurrent protection enhance overall
system reliability.
An npn pass element provides a dropout voltage of less than 300
mV at 1 A of load current. Regulator accuracy and excellent tempera-
ture characteristics are provided by a bandgap reference. Low output
voltages eliminate the need for expensive PWM buck converters. The
low dropout voltage permits more efficient regulation before output
regulation is lost. Quiescent current does not increase significantly as
the dropout voltage is approached, an ideal feature in standby/resume
power systems where data integrity is crucial. An LS-TTL/CMOS-
compatible input gives the designer complete control over power up,
standby, or power down.
This devices is supplied in a fully molded 8-lead miniature surface-
mount package (tape and reel) with enhanced power-dissipating qualities.
It is rated for continuous operation between -30°C and +100°C.
FEATURES
■ 1.5 A Output Current
■ Adjustable 1 ~ 3.3 V Output Voltage
■ 0.3 V Maximum Dropout Voltage at IO = 1 A
■ Fast Transient Response
■ 1 μA Maximum Standby Current
■ Remote Voltage Sensing
■ Foldback Current Limiting
■ Superior Heat Dissipation
■ Thermal Protection
APPLICATIONS
■ TVs, VCRs, Electronic Games
■ Embedded Core, Memory, or Logic Supplies
■ Printers and Other Office Equipment
■ Industrial Machinery
■ Secondary-Side Stabilization of Multi-Output SMPS
1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
Always order by complete part number, e.g., SI-3010LLSL-TL ,
where “-TL” indicates tape and reel..
ABSOLUTE MAXIMUM RATINGS
Input Voltage, VI . . . . . . . . . . . . . . 10 V
Output Current, IO . . . . . . . . . . . . 1.5 A*
Bias Voltage, VS . . . . . . . . . . . . . . 10 V
Enable Input Voltage, VE . . . . . . . . . . VI
Junction Temperature, TJ . . . . . +125°C
Storage Temperature Range,
TS . . . . . . . . . . . . . -30°C to +125°C
* Output current rating is limited by input
voltage, duty cycle, and ambient tempera-
ture. Under any set of conditions, do not
exceed a junction temperature of +125°C.
SI-3010LLSL
Sanken Power Devices
from Allegro MicroSystems
1
2
3
4
5
6
7
8
Dwg. PK-012-1
IN
GND
ENABLE
ADJ
GND
OUT
VR
IN
BIAS
VS


Numéro de pièce similaire - SI-3010LLSL-TL

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3010LLSL-TL SANKEN-SI-3010LLSL-TL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
More results

Description similaire - SI-3010LLSL-TL

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Texas Instruments
TPS7H1101-SP TI1-TPS7H1101-SP Datasheet
1Mb / 34P
[Old version datasheet]   1.5-V to 7-V, ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330 DIODES-ZLDO330 Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com