Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW03-C20 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BZW03-C20
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZW03-C20 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BZW03-C20 Datasheet HTML 1Page - NXP Semiconductors BZW03-C20 Datasheet HTML 2Page - NXP Semiconductors BZW03-C20 Datasheet HTML 3Page - NXP Semiconductors BZW03-C20 Datasheet HTML 4Page - NXP Semiconductors BZW03-C20 Datasheet HTML 5Page - NXP Semiconductors BZW03-C20 Datasheet HTML 6Page - NXP Semiconductors BZW03-C20 Datasheet HTML 7Page - NXP Semiconductors BZW03-C20 Datasheet HTML 8Page - NXP Semiconductors BZW03-C20 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1996 May 14
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZW03 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Zener working voltage range:
7.5 to 270 V for 38 types
• Transient suppressor stand-off
voltage range:
6.2 to 430 V for 45 types
• Available in ammo-pack
• Also available with preformed leads
for easy insertion.
DESCRIPTION
Rugged glass SOD64 package, using
a high temperature alloyed
construction. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
Fig.1 Simplified outline (SOD64) and symbol.
2/3 page (Datasheet)
MAM205
ka


LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Ptot
total power dissipation
Ttp =25 °C; lead length 10 mm; see Fig.2
6.00
W
Tamb =45 °C; see Fig.2;
PCB mounted (see Fig.6)
1.75
W
PZRM
repetitive peak reverse power
dissipation
20
W
PZSM
non-repetitive peak reverse
power dissipation
tp = 100 µs; square pulse;
Tj =25 °C prior to surge; see Fig.3
1000
W
PRSM
non-repetitive peak reverse
power dissipation
10/1000
µs exponential pulse (see Fig.7);
Tj =25 °C prior to surge; see Fig.4
500
W
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C


Numéro de pièce similaire - BZW03-C20

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZW03 VISHAY-BZW03 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03 VISHAY-BZW03 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03 NJSEMI-BZW03 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C10 VISHAY-BZW03C10 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
More results

Description similaire - BZW03-C20

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com