Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX99-C3V3 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BZX99-C3V3
Description  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX99-C3V3 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BZX99-C3V3 Datasheet HTML 1Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 2Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 3Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 4Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 5Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 6Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 7Page - NXP Semiconductors BZX99-C3V3 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Oct 20
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX99 series
FEATURES
• Total power dissipation: max. 300 mW
• Tolerance: ±5%
• Working voltage range: nom. 2.4 to 15 V (E24 range)
• Improved Iz/Vz characteristics at low currents
(Iz =50 µA). This results in a noise free and sharp
breakdown knee.
APPLICATIONS
• General regulation functions, where low noise at low
currents is required
• Low-power consumption applications (e.g. hand-held
applications).
DESCRIPTION
Low-power low noise voltage regulator diodes in small
SOT23 plastic SMD packages.
The diodes are available in the normalized E24
±5%
tolerance range. The series consists of 20 types with
nominal working voltages from 2.4 to 15 V.
PINNING
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
MAM243
2
n.c.
1
3
21
3
Top view
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BZX99-C2V4
XL
BZX99-C3V9
XS
BZX99-C6V2
XD
BZX99-C10
XX
BZX99-C2V7
XM
BZX99-C4V3
XT
BZX99-C6V8
XE
BZX99-C11
XY
BZX99-C3V0
XN
BZX99-C4V7
XA
BZX99-C7V5
XU
BZX99-C12
XZ
BZX99-C3V3
XP
BZX99-C5V1
XB
BZX99-C8V2
XV
BZX99-C13
X2
BZX99-C3V6
XR
BZX99-C5V6
XC
BZX99-C9V1
XW
BZX99-C15
X3


Numéro de pièce similaire - BZX99-C3V3

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Ping Sheng Ele...
BZX90B75 PFS-BZX90B75 Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Semtech Corporation
BZX97 SEMTECH-BZX97 Datasheet
193Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX97 GOOD-ARK-BZX97 Datasheet
27Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Semtech Corporation
BZX97/C10 SEMTECH-BZX97/C10 Datasheet
193Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Description similaire - BZX99-C3V3

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com