Moteur de recherche de fiches techniques de composants électroniques |
|
BZX84-C2V4 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
BZX84-C2V4 Fiches technique(HTML) 9 Page - NXP Semiconductors |
9 / 12 page 2003 Apr 10 9 Philips Semiconductors Product specification Voltage regulator diodes BZX84 series PACKAGE OUTLINE UNIT A1 max. bp cD E e1 HE Lp Qw v REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE 97-02-28 99-09-13 IEC JEDEC EIAJ mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 DIMENSIONS (mm are the original dimensions) 0.45 0.15 SOT23 TO-236AB bp D e1 e A A1 Lp Q detail X HE E w M v M A B A B 0 1 2 mm scale A 1.1 0.9 c X 12 3 Plastic surface mounted package; 3 leads SOT23 |
Numéro de pièce similaire - BZX84-C2V4 |
|
Description similaire - BZX84-C2V4 |