Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AAT3680 Fiches technique(PDF) 14 Page - Advanced Analog Technology, Inc.

No de pièce AAT3680
Description  Lithium-Ion/Polymer Linear Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAT [Advanced Analog Technology, Inc.]
Site Internet  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3680 Fiches technique(HTML) 14 Page - Advanced Analog Technology, Inc.

Back Button AAT3680 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 16Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 17Page - Advanced Analog Technology, Inc. AAT3680 Datasheet HTML 18Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AAT3680
Lithium-Ion/Polymer
Linear Battery Charge Controller
14
3680.2006.03.1.6
with a P-channel MOSFET. If there is no other pro-
tection in the system, a shorted input could dis-
charge the battery through the body diode of the
pass MOSFET. If a reverse-blocking diode is
added to the system, a device should be chosen
which can withstand the maximum constant cur-
rent charge current at the maximum system ambi-
ent temperature.
Diode Selection
Typically, a Schottky diode is used in reverse current
blocking applications with the AAT3680.
Other
lower cost rectifier type diodes may also be used if
sufficient input power supply headroom is available.
The blocking diode selection should based on mer-
its of the device forward voltage (V
F), current rat-
ing, and input supply level versus the maximum
battery charge voltage and cost.
First, determine the minimum diode forward voltage
drop requirement. Refer to the following equation:
Where:
V
IN(MIN)
= Minimum input supply level
V
BAT(MAX) = Maximum
battery
charge
voltage
required
V
F(TRAN)
= Pass transistor forward voltage drop
V
F(DIODE) = Blocking diode forward voltage
Based on the maximum constant current charge
level set for the system, the next step is to deter-
mine the minimum current rating and power han-
dling capacity for the blocking diode. The constant-
current charge level itself will dictate what the mini-
mum current rating must be for a given blocking
diode. The minimum power handling capacity must
be calculated based on the constant current ampli-
tude and the diode forward voltage (V
F):
Where:
P
D(MIN) = Minimum power rating for a diode selection
V
F
= Diode forward voltage
I
CC
= Constant current charge level for the
system
Schottky Diodes
Schottky diodes are selected for this application
because they have a low forward voltage drop, typ-
ically between 0.3V and 0.4V. A lower V
F permits
a lower voltage drop at the constant current charge
level set by the system; less power will be dissi-
pated in this element of the circuit.
Schottky
diodes allow for lower power dissipation, smaller
component package sizes, and greater circuit lay-
out densities.
Rectifier Diodes
Any general-purpose rectifier diode can be used
with the AAT3680 application circuit in place of a
higher cost Schottky diode. The design trade-off is
that a rectifier diode has a high forward voltage
drop. V
F for a typical silicon rectifier diode is in the
range of 0.7V. A higher V
F will place an input sup-
ply voltage requirement for the battery charger sys-
tem. This will also require a higher power rated
diode since the voltage drop at the constant current
charge amplitude will be greater. Refer to the pre-
viously stated equations to calculate the minimum
V
IN and diode PD for a given application.
PCB Layout
For the best results, it is recommended to physical-
ly place the battery pack as closely as possible to
the AAT3680's BAT pin. To minimize voltage drops
in the PCB, keep the high current carrying traces
adequately wide. For maximum power dissipation
in the pass transistor, it is critical to provide enough
copper to spread the heat. Refer to the AAT3680
demo board PCB layout in Figures 8, 9, and 10.
PD(MIN)
VF
ICC
=
V
IN(MIN) = VBAT(MAX) + VF(TRAN) + VF(DIODE)


Numéro de pièce similaire - AAT3680

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680 ANALOGICTECH-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
AAT3680IKS-4.1-T1 ANALOGICTECH-AAT3680IKS-4.1-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
AAT3680IKS-4.2-T1 ANALOGICTECH-AAT3680IKS-4.2-T1 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
More results

Description similaire - AAT3680

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Advanced Analogic Techn...
AAT3682 ANALOGICTECH-AAT3682 Datasheet
233Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
AAT3682 ANALOGICTECH-AAT3682_06 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com