Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MB3883_02 Datasheet(Fiches technique) 2 Page - Fujitsu Component Limited.

Numéro de pièce MB3883_02
Description  6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
Télécharger  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

 
 2 page
background image
MB3883
2
(Continued)
• Power supply voltage range
: 2.4 V to 9 V (CH6)
: 3.6 V to 9 V (CH1 to CH5)
• Built-in high-precision reference voltage circuit :
±1 %
• Wide operating oscillator frequency range with high-frequency capability : 100 kHz to 1 MHz
• Error amplifier output for soft start (CH1 to CH6)
• Totem-pole type output switch control circuit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
XC9511Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
TPS650506-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs 1 2 3 4 5 MoreTexas Instruments
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT1171600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1210High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1265_0606Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package 1 2 3 4 5 MoreAdvanced Analogic Technologies
MB39A1236 ch DC/DC Converter IC with Synchronous Rectification 1 2 3 4 5 MoreFujitsu Component Limited.
LNBP21_04LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl