Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MB3883_02 Datasheet(Fiches technique) 6 Page - Fujitsu Component Limited.

Numéro de pièce MB3883_02
Description  6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
Télécharger  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

 6 page
background image
MB3883
6
(Continued)
Pin No.
Symbol
I/O
Descriptions
OSC
25
RT
Triangular wave frequency setting resistor connection pin.
26
CT
Triangular wave frequency setting capacitor connection pin.
27
VB
O
Triangular wave oscillator regulator output pin.
Control
1
SWOUT
O
Output switch control circuit output pin.
2
SWIN
I
Output switch control circuit input pin.
20
CTL
I
Power supply, CH6 control pin.
“H” level : Power supply CH6 operating mode
“L” level : Standby mode
21
CTL1, 2
I
CH1, CH2 control pin.
When CTL1, 2 pin
= “H” level
“H” level : CH1, CH2 operating mode
“L” level : CH1, CH2 OFF mode
22
CTL3
I
CH3 control pin.
When CTL3 pin
= “H” level
“H” level : CH3 operating mode
“L” level : CH3 OFF mode
23
CTL4
I
CH4 control pin.
When CTL4 pin
= “H” level
“H” level : CH4 operating mode
“L” level : CH4 OFF mode
24
CTL5
I
CH5 control pin.
When CTL5 pin
= “H” level
“H” level : CH5 operating mode
“L” level : CH5 OFF mode
18
CSCP
Short protection circuit capacitor connection pin.
15
CS
CH1to CH5 soft start circuit capacitor connection pin.
Power
19
VCC
Reference voltage and control circuit power supply pin.
42
VCC (O)
Output circuit power supply pin.
16
VREF
O
Reference voltage output pin.
17
GND
Ground pin.
44
GND (O)
Output circuit ground pin.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
XC9511Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
TPS650506-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs 1 2 3 4 5 MoreTexas Instruments
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT1171600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1210High Power DC/DC Boost Converter with Optional Dynamic Voltage Programming 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1265_0606Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package 1 2 3 4 5 MoreAdvanced Analogic Technologies
MB39A1236 ch DC/DC Converter IC with Synchronous Rectification 1 2 3 4 5 MoreFujitsu Component Limited.
LNBP21_04LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl