Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845D Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce UC2845D
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2845D Fiches technique(HTML) 5 Page - ON Semiconductor

  UC2845D Datasheet HTML 1Page - ON Semiconductor UC2845D Datasheet HTML 2Page - ON Semiconductor UC2845D Datasheet HTML 3Page - ON Semiconductor UC2845D Datasheet HTML 4Page - ON Semiconductor UC2845D Datasheet HTML 5Page - ON Semiconductor UC2845D Datasheet HTML 6Page - ON Semiconductor UC2845D Datasheet HTML 7Page - ON Semiconductor UC2845D Datasheet HTML 8Page - ON Semiconductor UC2845D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UC3844, UC3845, UC2844, UC2845
http://onsemi.com
5
Figure 8. Reference Voltage Change
versus Source Current
Figure 9. Reference Short Circuit Current
versus Temperature
Figure 10. Reference Load Regulation
Figure 11. Reference Line Regulation
2.0 ms/DIV
2.0 ms/DIV
VCC = 12 V to 25 V
TA = 25°C
0
20
40
60
80
100
120
Iref, REFERENCE SOURCE CURRENT (mA)
VCC = 15 V
TA = −55°C
TA = 25°C
TA = 125°C
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 15 V
RL ≤ 0.1 W
Figure 12. Output Saturation Voltage
versus Load Current
Figure 13. Output Waveform
50 ns/DIV
VCC = 15 V
CL = 1.0 nF
TA = 25°C
800
600
400
200
0
IO, OUTPUT LOAD CURRENT (mA)
VCC
TA = 25°C
TA = −55°C
Sink Saturation
(Load to VCC)
GN
D
Source Saturation
(Load to Ground)
TA = −55°C
VCC = 15 V
80
ms Pulsed Load
120 Hz Rate
TA = 25°C
VCC = 15 V
IO = 1.0 mA to 20 mA
TA = 25°C
0
−4.0
−8.0
−12
−16
−20
−24
110
90
70
50
90%
10%
0
1.0
2.0
3.0
−2.0
−1.0
0


Numéro de pièce similaire - UC2845D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC2845D MOTOROLA-UC2845D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC2845D TI1-UC2845D Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ON Semiconductor
UC2845D ONSEMI-UC2845D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC2845D STMICROELECTRONICS-UC2845D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2845D TI-UC2845D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2845D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com