Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2844DG Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce UC2844DG
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2844DG Fiches technique(HTML) 2 Page - ON Semiconductor

  UC2844DG Datasheet HTML 1Page - ON Semiconductor UC2844DG Datasheet HTML 2Page - ON Semiconductor UC2844DG Datasheet HTML 3Page - ON Semiconductor UC2844DG Datasheet HTML 4Page - ON Semiconductor UC2844DG Datasheet HTML 5Page - ON Semiconductor UC2844DG Datasheet HTML 6Page - ON Semiconductor UC2844DG Datasheet HTML 7Page - ON Semiconductor UC2844DG Datasheet HTML 8Page - ON Semiconductor UC2844DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
UC3844, UC3845, UC2844, UC2845
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC + IZ)
30
mA
Output Current, Source or Sink (Note 1)
IO
1.0
A
Output Energy (Capacitive Load per Cycle)
W
5.0
mJ
Current Sense and Voltage Feedback Inputs
Vin
− 0.3 to + 5.5
V
Error Amp Output Sink Current
IO
10
mA
Power Dissipation and Thermal Characteristics
D Suffix, Plastic Package, Case 751A
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance Junction−to−Air
N Suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 25°C
Thermal Resistance Junction−to−Air
PD
RqJA
PD
RqJA
862
145
1.25
100
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+ 150
°C
Operating Ambient Temperature
UC3844, UC3845
UC2844, UC2845
TA
0 to + 70
− 25 to + 85
°C
Storage Temperature Range
Tstg
− 65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum Package power dissipation limits must be observed.
ELECTRICAL CHARACTERISTICS (VCC = 15 V, (Note 2), RT = 10 k, CT = 3.3 nF, TA = Tlow to Thigh (Note 3), unless otherwise noted.)
UC284X
UC384X
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = 25°C)
Vref
4.95
5.0
5.05
4.9
5.0
5.1
V
Line Regulation (VCC = 12 V to 25 V)
Regline
2.0
20
2.0
20
mV
Load Regulation (IO = 1.0 mA to 20 mA)
Regload
3.0
25
3.0
25
mV
Temperature Stability
TS
0.2
0.2
mV/°C
Total Output Variation over Line, Load, Temperature
Vref
4.9
5.1
4.82
5.18
V
Output Noise Voltage (f = 10 Hz to kHz, TJ = 25°C)
Vn
50
50
mV
Long Term Stability (TA = 125°C for 1000 Hours)
S
5.0
5.0
mV
Output Short Circuit Current
ISC
− 30
− 85
− 180
− 30
− 85
− 180
mA
OSCILLATOR SECTION
Frequency
TJ = 25°C
TA = Tlow to Thigh
fosc
47
46
52
57
60
47
46
52
57
60
kHz
Frequency Change with Voltage (VCC = 12 V to 25 V)
Dfosc/DV
0.2
1.0
0.2
1.0
%
Frequency Change with Temperature
TA = Tlow to Thigh
Dfosc/DT
5.0
5.0
%
Oscillator Voltage Swing (Peak−to−Peak)
Vosc
1.6
1.6
V
Discharge Current (Vosc = 2.0 V, TJ = 25°C)
Idischg
10.8
10.8
mA
ERROR AMPLIFIER SECTION
Voltage Feedback Input (VO = 2.5 V)
VFB
2.45
2.5
2.55
2.42
2.5
2.58
V
Input Bias Current (VFB = 2.7 V)
IIB
−0.1
−1.0
−0.1
−2.0
mA
Open Loop Voltage Gain (VO = 2.0 V to 4.0 V)
AVOL
65
90
65
90
dB
2. Adjust VCC above the Startup threshold before setting to 15 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for UC3844, UC3845
Thigh = +70°C for UC3844, UC3845
−25°C for UC2844, UC2845
+85°C for UC2844, UC2845


Numéro de pièce similaire - UC2844DG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2844DG4 TI-UC2844DG4 Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2844DG4 TI1-UC2844DG4 Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2844DG4 TI-UC2844DG4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2844DG4 TI-UC2844DG4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2844DG4 TI-UC2844DG4 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2844DG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com