Moteur de recherche de fiches techniques de composants électroniques |
|
UC2844D Fiches technique(PDF) 9 Page - ON Semiconductor |
|
UC2844D Fiches technique(HTML) 9 Page - ON Semiconductor |
9 / 16 page UC3844, UC3845, UC2844, UC2845 http://onsemi.com 9 Undervoltage Lockout Two undervoltage lockout comparators have been incorporated to guarantee that the IC is fully functional before the output stage is enabled. The positive power supply terminal (VCC and the reference output (Vref) are each monitored by separate comparators. Each has built−in hysteresis to prevent erratic output behavior as their respective thresholds are crossed. The VCC comparator upper and lower thresholds are 16 V/10 V for the UCX844, and 8.4 V/7.6 V for the UCX845. The Vref comparator upper and lower thresholds are 3.6 V/3/4 V. The large hysteresis and low startup current of the UCX844 makes it ideally suited in off−line converter applications where efficient bootstrap startup techniques later required (Figure 30). The UCX845 is intended for lower voltage DC−to−DC converter applications. A 36 V zener is connected as a shunt regulator from VCC to ground. Its purpose is to protect the IC from excessive voltage that can occur during system startup. The minimum operating voltage for the UCX844 is 11 V and 8.2 V for the UCX845. Output These devices contain a single totem pole output stage that was specifically designed for direct drive of power MOSFETs. It is capable of up to ±1.0 A peak drive current and has a typical rise and fall time of 50 ns with a 1.0 nF load. Additional internal circuitry has been added to keep the Output in a sinking mode whenever and undervoltage lockout is active. This characteristic eliminates the need for an external pull−down resistor. The SOIC−14 surface mount package provides separate pins for VC (output supply) and Power Ground. Proper implementation will significantly reduce the level of switching transient noise imposed on the control circuitry. This becomes particularly useful when reducing the Ipk(max) clamp level. The separate VC supply input allows the designer added flexibility in tailoring the drive voltage independent of VCC. A zener clamp is typically connected to this input when driving power MOSFETs in systems where VCC is greater the 20 V. Figure 23 shows proper power and control ground connections in a current sensing power MOSFET application. Reference The 5.0 V bandgap reference is trimmed to ± 1.0% tolerance at TJ = 25°C on the UC284X, and ±2.0% on the UC384X. Its primary purpose is to supply charging current to the oscillator timing capacitor. The reference has short circuit protection and is capable of providing in excess of 20 mA for powering additional control system circuitry. Design Considerations Do not attempt to construct the converter on wire−wrap or plug−in prototype boards. High frequency circuit layout techniques are imperative to prevent pulsewidth jitter. This is usually caused by excessive noise pick−up imposed on the Current Sense or Voltage Feedback inputs. Noise immunity can be improved by lowering circuit impedances at these points. The printed circuit layout should contain a ground plane with low−current signal and high−current switch and output grounds returning on separate paths back to the input filter capacitor. Ceramic bypass capacitors (0.1 mF) connected directly to VCC, VC, and Vref may be required depending upon circuit layout. This provides a low impedance path for filtering the high frequency noise. All high current loops should be kept as short as possible using heavy copper runs to minimize radiated EMI. The Error Amp compensation circuitry and the converter output voltage divider should be located close to the IC and as far as possible from the power switch and other noise generating components. External Sync Input Figure 18. External Clock Synchronization Figure 19. External Duty Cycle Clamp and Multi−Unit Synchronization The diode clamp is required if the Sync amplitude is large enough to cause the bottom side of CT to go more than 300 mV below ground. 47 5(9) R R Bias OSC Vref RT 8(14) 4(7) 2(3) 1(1) 0.01 CT 2R R EA + − + 5(9) R R Bias OSC 8(14) 4(7) 2(3) 1(1) 2R R EA + − + 7 5.0k 3 8 6 5 1 C R S MC1455 2 RA + − + − 4 Q 5.0k RB To Additional UCX84XA’s f = 1.44 (RA + 2RB)C Dmax = RB RA + 2RB |
Numéro de pièce similaire - UC2844D |
|
Description similaire - UC2844D |