Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2844D Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce UC2844D
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC2844D Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button UC2844D Datasheet HTML 2Page - ON Semiconductor UC2844D Datasheet HTML 3Page - ON Semiconductor UC2844D Datasheet HTML 4Page - ON Semiconductor UC2844D Datasheet HTML 5Page - ON Semiconductor UC2844D Datasheet HTML 6Page - ON Semiconductor UC2844D Datasheet HTML 7Page - ON Semiconductor UC2844D Datasheet HTML 8Page - ON Semiconductor UC2844D Datasheet HTML 9Page - ON Semiconductor UC2844D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
UC3844, UC3845, UC2844, UC2845
http://onsemi.com
6
Figure 14. Output Cross Conduction
Figure 15. Supply Current versus
Supply Voltage
100 ns/DIV
VCC = 30 V
CL = 15 pF
TA = 255C
25
20
15
10
5
0
0
10203040
VCC, SUPPLY VOLTAGE (V)
RT = 10 k
CT = 3.3 nF
VFB = 0 V
ISense = 0 V
TA = 255C
PIN FUNCTION DESCRIPTION
Pin
Function
Description
8−Pin
14−Pin
1
1
Compensation
This pin is Error Amplifier output and is made available for loop compensation.
2
3
Voltage
Feedback
This is the inverting input of the Error Amplifier. It is normally connected to the switching
power supply output through a resistor divider.
3
5
Current Sense
A voltage proportional to inductor current is connected to this input. The PWM uses this
information to terminate the output switch conduction.
4
7
RT/CT
The Oscillator frequency and maximum Output duty cycle are programmed by connecting
resistor RT to Vref and capacitor CT to ground. Operation to 1.0 MHz is possible.
5
GND
This pin is combined control circuitry and power ground (8−pin package only).
6
10
Output
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0 A are
sourced and sunk by this pin. The output switches at one−half the oscillator frequency.
7
12
VCC
This pin is the positive supply of the control IC.
8
14
Vref
This is the reference output. It provides charging current for capacitor CT through resistor RT.
8
Power Ground
This pin is a separate power ground return (14−pin package only) that is connected back to
the power source. It is used to reduce the effects of switching transient noise on the control
circuitry.
11
VC
The Output high state (VOH) is set by the voltage applied to this pin (14−pin package only).
With a separate power source connection, it can reduce the effects of switching transient
noise on the control circuitry.
9
GND
This pin is the control circuitry ground return (14−pin package only) and is connected to back
to the power source ground.
2,4,6,13
NC
No connection (14−pin package only). These pins are not internally connected.


Numéro de pièce similaire - UC2844D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC2844D MOTOROLA-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Texas Instruments
UC2844D TI1-UC2844D Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
ON Semiconductor
UC2844D ONSEMI-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC2844D STMICROELECTRONICS-UC2844D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844D TI-UC2844D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

Description similaire - UC2844D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com