Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV8503 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce NCV8503
Description  Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8503 Fiches technique(HTML) 5 Page - ON Semiconductor

  NCV8503_07 Datasheet HTML 1Page - ON Semiconductor NCV8503_07 Datasheet HTML 2Page - ON Semiconductor NCV8503_07 Datasheet HTML 3Page - ON Semiconductor NCV8503_07 Datasheet HTML 4Page - ON Semiconductor NCV8503_07 Datasheet HTML 5Page - ON Semiconductor NCV8503_07 Datasheet HTML 6Page - ON Semiconductor NCV8503_07 Datasheet HTML 7Page - ON Semiconductor NCV8503_07 Datasheet HTML 8Page - ON Semiconductor NCV8503_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCV8503 Series
http://onsemi.com
5
PACKAGE PIN DESCRIPTION, ADJUSTABLE OUTPUT
Pin Number
Pin Symbol
Function
1
VADJ
Voltage Adjust. A resistor divider from VOUT to this lead sets the output voltage.
2
VOUT
±2.0%, 400 mA output.
3−6, 11, 12
NC
No connection.
7
VIN
Input Voltage.
8
MON
Monitor. Input to comparator. If not needed connect to VOUT.
9
RADJ
Reset adjust. If not needed connect to ground.
10
DELAY
Timing capacitor for RESET function.
13
GND
Ground. All GND leads must be connected to Ground.
14
ENABLE
ENABLE control for the IC. A high powers the device up.
15
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
16
FLAG
Open collector output from comparator.
NOTE: Tentative pinout for SOW−16 E Pad.
PACKAGE PIN DESCRIPTION, FIXED OUTPUT
Pin Number
Pin Symbol
Function
1
SENSE
Kelvin connection which allows remote sensing of output voltage for improved regulation. If
remote sensing is not desired, connect to VOUT.
2
VOUT
±2.0%, 400 mA output.
3−6, 11, 12
NC
No connection.
7
VIN
Input Voltage.
8
MON
Monitor. Input to comparator. If not needed connect to VOUT.
9
RADJ
Reset adjust. If not needed connect to ground.
10
DELAY
Timing capacitor for RESET function.
13
GND
Ground. All GND leads must be connected to Ground.
14
ENABLE
ENABLE control for the IC. A high powers the device up.
15
RESET
Active reset (accurate to VOUT ≥ 1.0 V)
16
FLAG
Open collector output from comparator.
NOTE: Tentative pinout for SOW−16 E Pad.


Numéro de pièce similaire - NCV8503_07

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8503PW25 ONSEMI-NCV8503PW25 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503PW25R2 ONSEMI-NCV8503PW25R2 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503PW33 ONSEMI-NCV8503PW33 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503PW33R2 ONSEMI-NCV8503PW33R2 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503PW50 ONSEMI-NCV8503PW50 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results

Description similaire - NCV8503_07

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com