Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATTINY2313-20MU Fiches technique(PDF) 79 Page - ATMEL Corporation

No de pièce ATTINY2313-20MU
Description  8-bit Microcontroller with 2K Bytes In-System Programmable Flash
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY2313-20MU Fiches technique(HTML) 79 Page - ATMEL Corporation

Back Button ATTINY2313-20MU Datasheet HTML 75Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 76Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 77Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 78Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 79Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 80Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 81Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 82Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 231 page
background image
79
ATtiny2313/V
2543I–AVR–04/06
Table 39 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set to
phase correct PWM mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at TOP. See “Phase Cor-
rect PWM Mode” on page 73 for more details.
• Bits 3, 2 – Res: Reserved Bits
These bits are reserved bits in the ATtiny2313 and will always read as zero.
• Bits 1:0 – WGM01:0: Waveform Generation Mode
Combined with the WGM02 bit found in the TCCR0B Register, these bits control the
counting sequence of the counter, the source for maximum (TOP) counter value, and
what type of waveform generation to be used, see Table 40. Modes of operation sup-
ported by the Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare
Match (CTC) mode, and two types of Pulse Width Modulation (PWM) modes (see
“Modes of Operation” on page 70).
Notes:
1. MAX
= 0xFF
2. BOTTOM = 0x00
Table 39. Compare Output Mode, Phase Correct PWM Mode
(1)
COM0B1
COM0B0
Description
0
0
Normal port operation, OCR0B disconnected.
01
Reserved
1
0
Clear ORC0B on Compare Match when up-counting. Set OCR0B
on Compare Match when down-counting.
1
1
Set OCR0B on Compare Match when up-counting. Clear OCR0B
on Compare Match when down-counting.
Table 40. Waveform Generation Mode Bit Description
Mode
WGM2
WGM1
WGM0
Timer/Count
er Mode of
Operation
TOP
Update of
OCRx at
TOV Flag
Set on
(1)(2)
0
0
0
0
Normal
0xFF
Immediate
MAX
1
0
0
1
PWM, Phase
Correct
0xFF
TOP
BOTTOM
2
0
1
0
CTC
OCR0A
Immediate
MAX
3
0
1
1
Fast PWM
0xFF
TOP
MAX
41
0
0
Reserved
5
1
0
1
PWM, Phase
Correct
OCR0A
TOP
BOTTOM
61
1
0
Reserved
7
1
1
1
Fast PWM
OCR0A
TOP
TOP


Numéro de pièce similaire - ATTINY2313-20MU

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATTINY2313-20MU ATMEL-ATTINY2313-20MU Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results

Description similaire - ATTINY2313-20MU

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com