Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCS2540 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NCS2540
Description  Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2540 Fiches technique(HTML) 3 Page - ON Semiconductor

  NCS2540_07 Datasheet HTML 1Page - ON Semiconductor NCS2540_07 Datasheet HTML 2Page - ON Semiconductor NCS2540_07 Datasheet HTML 3Page - ON Semiconductor NCS2540_07 Datasheet HTML 4Page - ON Semiconductor NCS2540_07 Datasheet HTML 5Page - ON Semiconductor NCS2540_07 Datasheet HTML 6Page - ON Semiconductor NCS2540_07 Datasheet HTML 7Page - ON Semiconductor NCS2540_07 Datasheet HTML 8Page - ON Semiconductor NCS2540_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCS2540
http://onsemi.com
3
ATTRIBUTES
Characteristics
Value
ESD
Human Body Model
Machine Model
Charged Device Model
2.0 kV
200 V
1.0 kV
Moisture Sensitivity (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
1. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VS
11
Vdc
Input Voltage Range
VI
vVS
Vdc
Input Differential Voltage Range
VID
vVS
Vdc
Output Current
IO
100
mA
Maximum Junction Temperature (Note 2)
TJ
150
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−60 to +150
°C
Power Dissipation
PD
(See Graph)
mW
Thermal Resistance, Junction−to−Air
RqJA
179
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated is
limited by the associated rise in junction temperature. For
the plastic packages, the maximum safe junction
temperature is 150
°C. If the maximum is exceeded
momentarily, proper circuit operation will be restored as
soon as the die temperature is reduced. Leaving the device
in the “overheated’’ condition for an extended period can
result in device damage.
Figure 3. Power Dissipation vs. Temperature
800
400
0
−50
0
75
150
AMBIENT TEMPERATURE (C)
200
−25
25
50
100
125
1000
600
1400
1200


Numéro de pièce similaire - NCS2540_07

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCS2540DTG ONSEMI-NCS2540DTG Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2540DTR2G ONSEMI-NCS2540DTR2G Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
More results

Description similaire - NCS2540_07

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com