Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDFS8A-5250X-10A Fiches technique(PDF) 1 Page - TOKO, Inc

No de pièce TDFS8A-5250X-10A
Description  TDF series for Wireless LAN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKO [TOKO, Inc]
Site Internet  http://www.toko.com
Logo TOKO - TOKO, Inc

TDFS8A-5250X-10A Fiches technique(HTML) 1 Page - TOKO, Inc

  TDFS8A-5250X-10A Datasheet HTML 1Page - TOKO, Inc TDFS8A-5250X-10A Datasheet HTML 2Page - TOKO, Inc TDFS8A-5250X-10A Datasheet HTML 3Page - TOKO, Inc TDFS8A-5250X-10A Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDF
Series
Chip Dielectric Filters
チップ誘電体フィルタ
(Unit:mm)
SELECTION GUIDE FOR STANDARD DEVICES
• The Part Numbers shown in the table below are standard devices, which
are readily available. TOKO will design and manufacture modified and
custom devices with specific characteristics to meet your requirements.
If you do not find the device for your application in this catalog, please
contact our sales or representative office.
• RoHS compliant
• 下記の表に示す製品番号は、標準品です。TOKOは、お客様のご要望に合わせ設計、
製作いたしますので、お客様の用途に適合する仕様が見当らない場合は、当社営業所
または代理店にご連絡ください。
• RoHS指令対応
Typical Characteristics 代表特性例
1.25Max.
2.4
GND
2.0
1.4
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
Center Frequency :5,250MHz
TDFU2A-5250X-10A
Attenuation
Return loss
Span :4,000MHz
製品例
TDFU2A-5250X-10A
TDF series for Wireless LAN
入出力インピーダンス/Input Output impedance : 50Ω
東光品番
中心周波数
帯域幅
挿入損失
V.S.W.R.
選択度
外形寸法
用途
個数/リール
TOKO
Center
Bandwidth
Insertion
V.S.W.R.
Selectivity
Dimension (mm)
Part
Frequency
Loss
in BW
Application
Pcs/Reel
Number
(MHz)
(MHz)
(dB) Max.
Max.
(dB) Min. (MHz)
W × L × T (Max.)
TDF2A-2450T-10A
2450.0
Fo ± 50.0
2.00
2.00
20, 16 (Fo − 280, + 280)
5.7 × 5.1 × 2.25
2.4G-LAN
2000
TDFM1A-2450T-10A
2450.0
Fo ± 50.0
2.00
2.00
20, 16 (Fo − 280, Fo + 280) 4.5 × 5.2 × 2.0
2.4G-LAN
2000
TDFM1B-2450T-10A
2450.0
Fo ± 50.0
2.30
2.00
35, 30 (Fo − 430, + 350)
6.5 × 5.1 × 2.0
2.4G-LAN
1500
TDFM1C-2450T-10A
2450.0
Fo ± 50.0
3.00
2.00
21, 32 (Fo ± 150, − 200)
9.0 × 5.15 × 2.0
2.4G-LAN
1500
TDFS8A-2450T-13A
2450.0
Fo ± 50.0
2.00
2.00
40 (Fo − 500)
3.2 × 3.0 × 1.8
2.4G-LAN
2000
TDFU2A-2450T-10A
2450.0
Fo ± 50.0
1.50
2.00
30 (1910~1990)
2.0 × 2.85 × 1.25
2.4G-LAN
3000
TDF2A-2484E-11A
2484.0
Fo ± 13.0
3.00
1.60
35, 30 (Fo ± 350, ± 700)
5.7 × 5.1 × 2.25
2.4G-LAN
2000
TDF2A-2484E-12A
2484.0
Fo ± 13.0
2.00
1.60
25, 30 (Fo ± 350, ± 700)
5.7 × 5.1 × 2.25
2.4G-LAN
2000
TDFM1A-2484E-10A
2484.0
Fo ± 13.0
2.00
2.00
25, 30 (Fo ± 350, ± 700)
4.5 × 5.1 × 2.0
2.4G-LAN
2000
TDFM1A-2484E-11A
2484.0
Fo ± 13.0
3.00
2.00
35, 30 (Fo ± 350, ± 700)
4.5 × 5.2 × 2.0
2.4G-LAN
2000
TDFM1B-2546S-10A
2546.0
Fo ± 46.5
1.80
2.00
44, 40 (Fo ± 412.4, ± 868.5) 6.5 × 4.05 × 1.90
MMDS
2000
TDFM1B-2639S-10A
2639.5
Fo ± 46.5
1.50
2.00
33, 35 (Fo ± 410.5, ± 866.5) 6.5 × 4.75 × 1.90
MMDS
2000
TDFS1C-3449T-10A
3449.75
Fo ± 50.25
1.50
2.00
40, 45 (Fo − 862, − 406)
6.5 × 4.4 × 2.0
Wi MAX
2000
TDFM2A-3549T-10A
3549.75
Fo ± 50.25
1.40
2.00
31, 33 (Fo − 882, − 406)
4.5 × 4.5 × 2.25
Wi MAX
2000
TDFS1F-3960Z-10A
3960.0
Fo ± 792
1.80
2.00
40, 30 (Fo − 1460, Fo + 1190) 8.5 × 3.5 × 1.9
UWB
2000
TDFS1F-4050Z-10A-01 4050.0
Fo ± 750
1.80
2.00
40,30 (Fo − 1550, Fo + 1100) 8.5 × 3.4 × 1.9
UWB
2000
TDFM2A-4995X-10A-01 4995.0
Fo ± 95.5
1.50
2.00
20 (Fo − 795)
4.5 × 3.3 × 2.25
5G-LAN
2000
TDFM2C-4995X-10A
4995.0
Fo ± 95.5
3.10
2.00
35, 50 (Fo − 560, Fo + 560) 9.0 × 3.3 × 2.25
5G-LAN
2000
TDFS8A-5075Z-10A
5075.0
Fo ± 175.0
1.25
2.00
20 (4200)
3.75 × 3.25 × 1.8
5G-LAN
2000
TDFU2A-5125Z-10A
5125.0
Fo ± 100.0
1.30
2.00
35 (3800)
2.4 × 2.15 × 1.25
5G-LAN
3000
TDFM2A-5250X-10A
5250.0
Fo ± 100.0
1.50
2.00
20 (Fo − 800)
4.5 × 3.2 × 2.25
5G-LAN
2000
TDFM2C-5250X-10A
5250.0
Fo ± 100.0
3.00
2.00
35 (Fo − 400)
9.0 × 3.1 × 2.25
5G-LAN
2000
TDFS8A-5250X-10A
5250.0
Fo ± 100.0
1.50
2.00
20 (Fo − 800)
3.2 × 3.2 × 1.8
5G-LAN
2000
TDFU2A-5250X-10A
5250.0
Fo ± 100.0
1.30
2.00
30 (Fo − 1710)
2.4 × 2.1 × 1.25
5G-LAN
3000
TDFS8B-5375Z-10A
5375.0
Fo ± 475.0
1.20
2.00
22 (Fo − 1475, Fo + 2025) 4.5 × 3.0 × 1.7
5G-LAN
2000
TDFS8A-5437Z-10A
5437.5
Fo ± 287.5
1.20
2.00
25 (Fo − 1937)
3.2 × 3.05 × 1.7
5G-LAN
2000
TDFS8A-5500Z-10A
5500.0
Fo ± 350.0
1.00
2.00
25 (3500)
3.2 × 3.05 × 1.8
5G-LAN
2000
TDFM2A-5775T-10A-01 5775.0
Fo ± 50.0
3.30
2.70
28 (5225.0~5325.0)
4.5 × 2.9 × 2.25
5G-LAN
2000
TDFM2A-5775V-11A
5775.0
Fo ± 75.0
1.50
2.00
7 (Fo − 425)
4.5 × 2.9 × 2.25
5G-LAN
2000


Numéro de pièce similaire - TDFS8A-5250X-10A

FabricantNo de pièceFiches techniqueDescription
logo
TOKO, Inc
TDFS8A-1575A-10A TOKO-TDFS8A-1575A-10A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2326C-10A TOKO-TDFS8A-2326C-10A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2338B-11A TOKO-TDFS8A-2338B-11A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2338C-12A TOKO-TDFS8A-2338C-12A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
TDFS8A-2338E-10A TOKO-TDFS8A-2338E-10A Datasheet
212Kb / 4P
   TDF series for Automotive & Satellite Radio
More results

Description similaire - TDFS8A-5250X-10A

FabricantNo de pièceFiches techniqueDescription
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
   For wireless LAN
logo
Soshin electric Co., Lt...
MDR775M SOSHIN-MDR775M Datasheet
140Kb / 4P
   2.4GHz BPF for Wireless LAN
MDR762F SOSHIN-MDR762F Datasheet
140Kb / 4P
   5375MHz BPF for Wireless LAN
HMD835K SOSHIN-HMD835K Datasheet
179Kb / 3P
   5GHz BPF for Wireless LAN
MDR774M SOSHIN-MDR774M Datasheet
139Kb / 4P
   2.4GHz BPF for Wireless LAN
HMD966U SOSHIN-HMD966U Datasheet
117Kb / 3P
   5GHz Balun for Wireless LAN
HMD967C SOSHIN-HMD967C Datasheet
120Kb / 3P
   2.4GHz Balun for Bluetooth,Wireless LAN
HMD845H SOSHIN-HMD845H Datasheet
207Kb / 4P
   2.4GHz BPF for Wireless LAN & Bluetooth
HMD888J SOSHIN-HMD888J Datasheet
151Kb / 4P
   Diplexer for Wireless LAN (2.4GHz/5GHz)
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
   Wireless LAN Controller
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com