Moteur de recherche de fiches techniques de composants électroniques |
|
AD8324ACPZ-REEL7 Fiches technique(PDF) 4 Page - Analog Devices |
|
AD8324ACPZ-REEL7 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 16 page AD8324 Rev. A | Page 4 of 16 LOGIC INPUTS (TTL/CMOS COMPATIBLE LOGIC) DATEN, CLK, SDATA, TXEN, SLEEP, VCC = 3.3 V, unless otherwise noted. Table 2. Parameter Min Typ Max Unit Logic 1 Voltage 2.1 3.3 V Logic 0 Voltage 0 0.8 V Logic 1 Current (VINH = 3.3 V), CLK, SDATA, DATEN 0 20 nA Logic 0 Current (VINL = 0 V), CLK, SDATA, DATEN −600 −100 nA Logic 1 Current (VINH = 3.3 V), TXEN 50 190 μA Logic 0 Current (VINL = 0 V), TXEN −250 −30 μA Logic 1 Current (VINH = 3.3 V), SLEEP 50 190 μA Logic 0 Current (VINL = 0 V), SLEEP −250 −30 μA TIMING REQUIREMENTS VCC = 3.3 V, tR = tF = 4 ns, fCLK = 8 MHz, unless otherwise noted. Table 3. Parameter Min Typ Max Unit Clock Pulse Width (tWH) 16.0 ns Clock Period (tC) 32.0 ns Setup Time SDATA vs. Clock (tDS) 5.0 ns Setup Time DATEN vs. Clock (tES) 15.0 ns Hold Time SDATA vs. Clock (tDH) 5.0 ns Hold Time DATEN vs. Clock (tEH) 3.0 ns Input Rise and Fall Times, SDATA, DATEN, Clock (tR, tF) 10 ns tDS CLK VALID DATA WORD G1 MSB . . . LSB SDATA DATEN TXEN ANALOG OUTPUT VALID DATA WORD G2 8 CLOCK CYCLES GAIN TRANSFER (G1) GAIN TRANSFER (G2) SIGNAL AMPLITUDE (p-p) tC tVUH tES tEH tOFF tGS tCN Figure 3. Serial Interface Timing CLK SDATA MSB MSB-1 MSB-2 VALID DATA BIT tDS tDH Figure 4. SDATA Timng |
Numéro de pièce similaire - AD8324ACPZ-REEL7 |
|
Description similaire - AD8324ACPZ-REEL7 |